Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EIS-4PH Datasheet (PDF) - AG Electronica

EIS-4PH Datasheet PDF - AG Electronica
Part # EIS-4PH
Download  EIS-4PH Download
File Size   231.25 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description POSTE HORIZONTAL 4 POSICIONES

EIS-4PH Datasheet (PDF)

Go To PDF Page Download Datasheet
EIS-4PH Datasheet PDF - AG Electronica

Part # EIS-4PH
Download  EIS-4PH Click to download

File Size   231.25 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description POSTE HORIZONTAL 4 POSICIONES

EIS-4PH Datasheet (HTML) - AG Electronica


EIS-4PH Product details

Descripción
Poste horizontal paso 7.62mm [0.300”]




Similar Part No. - EIS-4PH

ManufacturerPart #DatasheetDescription
logo
AG Electronica
EIS-4PR AGELECTRONICA-EIS-4PR Datasheet
53Kb / 1P
Caja receptora paso 2.54mm [.100”].
22/JUL/08
EIS-4PR AGELECTRONICA-EIS-4PR Datasheet
223Kb / 2P
CAJA RECEPTORA 4 POSICIONES
15/01/2020
EIS-4PV AGELECTRONICA-EIS-4PV Datasheet
215Kb / 2P
POSTE VERTICAL 4 POSICIONES
15/01/2020
More results


Similar Description - EIS-4PH

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4584C ELANTEC-EL4584C Datasheet
275Kb / 16P
Horizontal Genlock, 4 FSC
logo
Recom International Pow...
R-723.3P RECOM-R-723.3P_07 Datasheet
102Kb / 5P
2, 3, 4 AMP SIP12 Vertical & Horizontal
logo
Tyco Electronics
917541 MACOM-917541 Datasheet
209Kb / 2P
4 POS SINGLE ROW HORIZONTAL HDR ASSY
logo
Hammond Manufacturing L...
S2CKS HAMMOND-S2CKS Datasheet
73Kb / 1P
Tablette pour clavier de poste terminal
logo
Molex Electronics Ltd.
39421-0004 MOLEX11-39421-0004 Datasheet
39Kb / 1P
12.00mm Pitch Beau EuroMax Horizontal Plug, 4 Circuits
39500-0004 MOLEX11-39500-0004 Datasheet
40Kb / 1P
3.50mm Pitch Eurostyle Horizontal Plug, 4 Circuits
39510-0004 MOLEX11-39510-0004 Datasheet
43Kb / 1P
3.81mm Pitch Eurostyle Horizontal Plug, 4 Circuits
39530-0004 MOLEX11-39530-0004 Datasheet
40Kb / 1P
5.08mm Pitch Eurostyle Horizontal Plug, 4 Circuits
logo
Recom International Pow...
R-723.3P RECOM-R-723.3P_16 Datasheet
113Kb / 5P
2, 3, 4 AMP SIP12 Vertical & Horizontal
logo
Unisonic Technologies
PC1031 UTC-PC1031_V01 Datasheet
95Kb / 4P
TV HORIZONTAL DEFLECTION HORIZONTAL DEFLECTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com