Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS8104AQ Datasheet (PDF) - List of Unclassifed Manufacturers

OS8104AQ Datasheet PDF - List of Unclassifed Manufacturers
Part # OS8104AQ
Download  OS8104AQ Download
File Size   2330.75 Kbytes
Page   188 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Multimedia and Control Networking Technology

OS8104AQ Datasheet (PDF)

Go To PDF Page Download Datasheet
OS8104AQ Datasheet PDF - List of Unclassifed Manufacturers

Part # OS8104AQ
Download  OS8104AQ Click to download

File Size   2330.75 Kbytes
Page   188 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Multimedia and Control Networking Technology

OS8104AQ Datasheet (HTML) - List of Unclassifed Manufacturers


OS8104AQ Product details

Features
Lowest Cost Solution for high quality
multimedia networking
• Data rate of over 24.5 Mbit/s
⇒ Bandwidth allocable for both asynchronous and
synchronous data
⇒ Independent 768 kbit/s control channel
• Designed for ultra-low cost network nodes
⇒ On-chip support of fiber optic physical layer
⇒ Stand-alone operation (no MCU) by remote
access
⇒ No buffering required for audio applications
On-chip Network Management Functions
• Automatic multimedia channel allocation
• Automatic wake-up on sensing network activity
• Node position and delay detection
• Fail-safe node bypass and error reporting
Flexible I/O
• Consumer Electronic / Multimedia I/O
⇒ Multiple speed CD & Media player interfaces
⇒ Real-time I/O with various data formats
⇒ 1-8x speed IEC 958 (S/PDIF or AES-EBU) port
⇒ Transparent channel with sample rate up to
3 MHz
• Control I/O
⇒ High speed IIC/SPI serial control interface
⇒ FIFO buffered 8-bit parallel control interface
⇒ Transparent interface up to 128 kbit/s.
Easy System Integration
• Low power and zero power mode
• Low power 5 V operation
• 44-pin TQFP package

Description
The OS8104 is a highly integrated CMOS Transceiver
IC with full support for the 24.5 Mbit/s MOST Multimedia and Control network.
This high performance, low cost, real-time network
utilizes a ring topology and a plastic optical fiber (POF)
physical layer, both of which are supported directly by
the OS8104.
All relevant network management functions are
handled on-chip. An ultra-low jitter PLL guarantees
high quality audio and video transmission, and clock
recovery over a wide frequency range.
The 24.5 Mbit/s aggregate bit rate provides the
capability to network up to 60 byte-wide synchronous
data channels (equivalent to 15 stereo, CD-audio
channels) or any appropriate combination of synchronous and asynchronous data streams. Control data
is also networked, transparently to the source data
channels, at an aggregate bit rate of 768 kbits/s.
The OS8104 can be managed remotely, from any
other network node; or locally via the Control Port in
I
2
C or SPI more, or through a parallel format.
Programmable serial and parallel real-time data
interfaces, with different clock and data modes,
support connections to multiple speed CD drives and
other consumer electronic devices, as well as comple–
mentary ICs such as A/D and D/A converters or DSPs.

2 General Overview
2.1 Functional Description
The OS8104 chip contains a RISC microcontroller-based MOST Routing Engine and several peripherals
including a clock manager, Source Data Ports, wake-up logic and an I2
C/SPI/parallel Control Port.
SDA
SCL
[AD0,SDIN]
[AD1, /CS]
MOST
Routing
Engine
Source
Data
Ports
Clock
Manager
I2C/SPI
Port
SX0..3,D4..7
SR0..3,D0..3
XTI
XTO
TX
RX
Network
Interface
Wake-up
Logic
&
Power
Management
Figure 2-1: MOST Routing Engine
The network interface includes an ultra-low jitter Phase Lock Loop (PLL) and a channel demodulator on
the input side (RX). The network output (TX) provides a channel-coded signal. Those signals can be
connected directly to optical receiving/transmitting devices (FOT units) or balanced line drivers. The line
quality can be monitored using the built-in error detection circuit.
Each device can generate the network clock or synchronize to it; however, only one device can generate
the clock and the frame structure for a particular network. Various A/D converters, D/A converters, digital
signal processors, and Media Players (CD-AUDIO/VIDEO/ROM etc.) can be synchronized through one of
the many clock and serial interface modes.
The Source Data Ports provide a synchronous data interface to the network, generally used for
multimedia devices. Data sources and sinks can be connected to the Source Ports to transfer data to
another node on the network, or receive data from another node on the network. The Source Ports
support up to four simultaneous inputs and four simultaneous outputs for transferring real-time data
between external peripherals and the MOST network.




Similar Part No. - OS8104AQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OS8104AQ ETC-OS8104AQ Datasheet
1Mb / 200P
Media Oriented Systems Transport
Jan. 2003
OS8104AQR ETC-OS8104AQR Datasheet
1Mb / 200P
Media Oriented Systems Transport
Jan. 2003
More results


Similar Description - OS8104AQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9259 MAXIM-MAX9259 Datasheet
2Mb / 51P
Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 3; 1/11
MAX9270 MAXIM-MAX9270 Datasheet
1Mb / 33P
Gigabit Multimedia Deserializer with Spread Spectrum and Full-Duplex Control Channel
Rev 1; 1/11
logo
List of Unclassifed Man...
ETRX2 ETC2-ETRX2 Datasheet
606Kb / 2P
ETRX2 ??(ZigBee Technology) Wireless Mesh Networking Module
logo
Broadcom Corporation.
BCM59101BKMLG BOARDCOM-BCM59101BKMLG Datasheet
610Kb / 2P
Control ler and Power Management Technology
logo
Maxim Integrated Produc...
MAX9259 MAXIM-MAX9259_14 Datasheet
1Mb / 51P
Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 4; 10/14
logo
Micrel Semiconductor
KSZ8692PB MICREL-KSZ8692PB Datasheet
1,014Kb / 46P
Integrated Networking and Communications Controller
KSZ8692MPB MICREL-KSZ8692MPB Datasheet
920Kb / 42P
Integrated Networking and Communications Controller
logo
Belden Inc.
1502R BELDEN-1502R Datasheet
101Kb / 3P
Multimedia Control Cable
logo
Maxim Integrated Produc...
MAX9295 MAXIM-MAX9295 Datasheet
1Mb / 51P
Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 4; 10/14
logo
Renesas Technology Corp
ICS650-36 RENESAS-ICS650-36 Datasheet
388Kb / 9P
NETWORKING AND PCI CLOCK SOURCE
REV F 051310
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com