Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTT16N10D2 Datasheet (PDF) - Inchange Semiconductor Company Limited

IXTT16N10D2 Datasheet PDF - Inchange Semiconductor Company Limited
Part # IXTT16N10D2
Download  IXTT16N10D2 Download
File Size   374.05 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Depletion Mode MOSFET

IXTT16N10D2 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXTT16N10D2 Datasheet PDF - Inchange Semiconductor Company Limited

Part # IXTT16N10D2
Download  IXTT16N10D2 Click to download

File Size   374.05 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Depletion Mode MOSFET

IXTT16N10D2 Datasheet (HTML) - Inchange Semiconductor Company Limited


IXTT16N10D2 Product details

FEATURES
· Drain Current -ID(on)=16A@ TC=25℃
· Drain Source Voltage -VDSX= 100V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 64mΩ(Max)@VGS= 0V
APPLICATIONS
·Audio Amplifiers
·Start-up Circuits
·Protection Circuits




Similar Part No. - IXTT16N10D2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTT16N10D2 IXYS-IXTT16N10D2 Datasheet
178Kb / 5P
Depletion Mode MOSFET
IXTT16N10D2 IXYS-IXTT16N10D2 Datasheet
201Kb / 6P
N-Channel MOSFET
IXTT16N10D2 IXYS-IXTT16N10D2_17 Datasheet
201Kb / 6P
N-Channel MOSFET
More results


Similar Description - IXTT16N10D2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA3N50D2 IXYS-IXTA3N50D2 Datasheet
173Kb / 5P
Depletion Mode MOSFET
IXTA6N50D2 IXYS-IXTA6N50D2 Datasheet
193Kb / 5P
Depletion Mode MOSFET
IXTY1R6N50D2 IXYS-IXTY1R6N50D2 Datasheet
185Kb / 5P
Depletion Mode MOSFET
IXTY1R6N100D2 IXYS-IXTY1R6N100D2 Datasheet
184Kb / 5P
Depletion Mode MOSFET
IXTY08N100D2 IXYS-IXTY08N100D2 Datasheet
183Kb / 5P
Depletion Mode MOSFET
IXTP08N100D2 IXYS-IXTP08N100D2 Datasheet
183Kb / 5P
Depletion Mode MOSFET
IXTT16N20D2 IXYS-IXTT16N20D2 Datasheet
178Kb / 6P
Depletion Mode MOSFET
IXTH16N10D2 IXYS-IXTH16N10D2 Datasheet
178Kb / 5P
Depletion Mode MOSFET
IXTT2N170D2 IXYS-IXTT2N170D2 Datasheet
159Kb / 5P
Depletion Mode MOSFET
IXTH10N100D2 IXYS-IXTH10N100D2 Datasheet
165Kb / 5P
Depletion Mode MOSFET
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com