Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R76H Datasheet (PDF) - Kemet Corporation

R76H Datasheet PDF - Kemet Corporation
Part # R76H
Download  R76H Download
File Size   1341.18 Kbytes
Page   30 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Polypropylene Pulse/High Frequency Capacitors R76H, 125°C Double Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)

R76H Datasheet (PDF)

Go To PDF Page Download Datasheet
R76H Datasheet PDF - Kemet Corporation

Part # R76H
Download  R76H Click to download

File Size   1341.18 Kbytes
Page   30 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Polypropylene Pulse/High Frequency Capacitors R76H, 125°C Double Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)

R76H Datasheet (HTML) - Kemet Corporation


R76H Product details

Benefits
• Voltage range: 250 – 2,000 VDC
• Capacitance range: 470 pF – 12 μF
• Lead Spacing: 10 mm – 37.5 mm
• Capacitance tolerance: ±2.5%, ±5%, ±10%
• Climatic category: 55/125/56 IEC 60068–1
• Operating temperature range of −55°C to +125°C
• Usable in harsh environment at 85°C/85% R.H. up to
1,000 hours
• RoHS compliance and lead-free terminations
• Tape & Reel packaging in accordance with IEC 60286–2
• Self-healing
• Automotive (AEC–Q200) grade




Similar Part No. - R76H

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R7600P HAMAMATSU-R7600P Datasheet
149Kb / 4P
PHOTOMULTIPLIER TUBE
R7600U HAMAMATSU-R7600U Datasheet
149Kb / 4P
PHOTOMULTIPLIER TUBE
R7600U-00-M4 HAMAMATSU-R7600U-00-M4 Datasheet
165Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE
R7600U-03 HAMAMATSU-R7600U-03 Datasheet
149Kb / 4P
PHOTOMULTIPLIER TUBE
R7600U-03-M4 HAMAMATSU-R7600U-03-M4 Datasheet
165Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE
More results


Similar Description - R76H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMKP383 VISHAY-MMKP383 Datasheet
202Kb / 19P
AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
28-Feb-05
MMKP383 VISHAY-MMKP383_08 Datasheet
218Kb / 26P
AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
05-Nov-08
BFC238330224 VISHAY-BFC238330224 Datasheet
217Kb / 26P
AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
19-Mar-13
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
AC and Pulse Double Metallized Polypropylene Film Capacitors
19-Mar-13
logo
Kemet Corporation
R75PN2820AA30K KEMET-R75PN2820AA30K Datasheet
722Kb / 26P
R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R75PN2820AA30K KEMET-R75PN2820AA30K_16 Datasheet
1Mb / 27P
R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
logo
Vishay Siliconix
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
15-Jan-15
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
AC and Pulse Double Metallized Polypropylene Film Capacitors MKP Radial Potted Type
08-Aug-2018
logo
Kemet Corporation
R75 KEMET-R75 Datasheet
2Mb / 34P
R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
3/26/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com