Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPUMZ18NUM Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPUMZ18NUM Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPUMZ18NUM
Download  TPUMZ18NUM Download
File Size   1172.36 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capacitance ESD Protection

TPUMZ18NUM Datasheet (PDF)

Go To PDF Page Download Datasheet
TPUMZ18NUM Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPUMZ18NUM
Download  TPUMZ18NUM Click to download

File Size   1172.36 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capacitance ESD Protection

TPUMZ18NUM Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPUMZ18NUM Product details

Features
Ultra low capacitance:0.3pF typical(I0 to 10)
Ultra low leakage: nA level
Low operating voltage: 16V
Complies with following standards:
— [EC 61000-4-2 (ESD) immunity test
Air discharge: £15kV
Contact discharge: +8kV/
RoHS Compliant
Reference: UMZ18NUM




Similar Part No. - TPUMZ18NUM

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPUMZ7N TECHPUBLIC-TPUMZ7N Datasheet
972Kb / 3P
Plastic-Encapsulate TRANSISTOR
More results


Similar Description - TPUMZ18NUM

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ESDL05R SECOS-ESDL05R Datasheet
166Kb / 3P
Low Capacitance ESD Protection
ESDL05R SECOS-ESDL05R_15 Datasheet
166Kb / 3P
Low Capacitance ESD Protection
STESD05CL SECOS-STESD05CL_15 Datasheet
412Kb / 3P
Low Capacitance ESD Protection
logo
Pan Jit International I...
PJEC5V0M1TM PANJIT-PJEC5V0M1TM Datasheet
260Kb / 6P
Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
FM05VDB-10PF FUTUREWAFER-FM05VDB-10PF Datasheet
789Kb / 6P
Low Capacitance ESD Protection
logo
SeCoS Halbleitertechnol...
KS05VL4 SECOS-KS05VL4_18 Datasheet
160Kb / 2P
Low Capacitance ESD Protection
logo
Shanghai Yint Electroni...
ESDSLVU2.8-4 YINT-ESDSLVU2.8-4 Datasheet
842Kb / 4P
Low Capacitance ESD Protection
logo
Littelfuse
AQ3400 LITTELFUSE-AQ3400 Datasheet
1Mb / 5P
Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1605M4AQ PANJIT-PE1605M4AQ Datasheet
331Kb / 5P
Low Capacitance ESD Protection
February 9,2017-REV.00
PEC3107M1AQ PANJIT-PEC3107M1AQ Datasheet
224Kb / 5P
Low Capacitance ESD Protection
July 5,2018-REV.01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com