Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G-SERIES Datasheet (PDF) - Ashcroft, Inc.

G-SERIES Datasheet PDF - Ashcroft, Inc.
Part # G-SERIES
Download  G-SERIES Download
File Size   799.38 Kbytes
Page   4 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description G & L-Series Multifunction Temperature Switches

G-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
G-SERIES Datasheet PDF - Ashcroft, Inc.

Part # G-SERIES
Download  G-SERIES Click to download

File Size   799.38 Kbytes
Page   4 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description G & L-Series Multifunction Temperature Switches

G-SERIES Datasheet (HTML) - Ashcroft, Inc.


G-SERIES Product details

FEATURES
Precision SPDT or DPDT snap-acting micro switch
Setpoint adjustable from 0 -100% of range
Single or dual adjustable set points
Choice of temperature ranges (from -40 °F to 750 °F)
Fixed or adjustable deadband
Direct or remote reading thermal systems
Wide selection of switch elements




Similar Part No. - G-SERIES

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
G-SERIES OHMITE-G-SERIES Datasheet
362Kb / 2P
Corrosion Resistant Terminals for long life
logo
List of Unclassifed Man...
G-SERIES ETC-G-SERIES Datasheet
609Kb / 2P
The first & most popular patented high-performance design
More results


Similar Description - G-SERIES

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TS120 CLARE-TS120 Datasheet
121Kb / 8P
Multifunction Telecom Switches
logo
Nihon Kaiheiki Industry...
G01PC NKK-G01PC Datasheet
54Kb / 1P
Complement to G Switches
logo
GREATECS
MB2 GREATECS-MB2 Datasheet
439Kb / 1P
Push & Lever Multifunction Switches
MB5 GREATECS-MB5 Datasheet
599Kb / 1P
Push & Lever Multifunction Switches with Click Feel
logo
SHINMEI ELECTRIC CO., L...
TSW-27 SHINMEI-TSW-27 Datasheet
122Kb / 3P
Multifunction Switches (Double Action Type TactileLever)
TSW-41 SHINMEI-TSW-41 Datasheet
92Kb / 2P
Multifunction Type Tactile Switches
logo
List of Unclassifed Man...
USB-2416 ETC-USB-2416 Datasheet
918Kb / 5P
24-Bit Multifunction Temperature & Voltage Devices
September 2019. Rev 9
USB-2408 ETC-USB-2408 Datasheet
938Kb / 6P
24-Bit Multifunction Temperature & Voltage Devices
September 2019. Rev 9
logo
G.M. International
D6072 GMI-D6072 Datasheet
215Kb / 2P
SIL2 Multifunction Temperature Converter
logo
Omega Engineering, Inc.
TSW OMEGA-TSW Datasheet
158Kb / 1P
Adjustable Temperature Switches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com