Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPZ10VC-523 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPZ10VC-523 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPZ10VC-523
Download  TPZ10VC-523 Download
File Size   1409.2 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description SOD523 Zener Diodes

TPZ10VC-523 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPZ10VC-523 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPZ10VC-523
Download  TPZ10VC-523 Click to download

File Size   1409.2 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description SOD523 Zener Diodes

TPZ10VC-523 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPZ10VC-523 Product details

Features

Large selection of zener voltages: 2.0V ~ 75V

Tight voltage tolerance: 5% for C-series

Ultra low-profile package well suited for automated assembly




Similar Part No. - TPZ10VC-523

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPZ10VC-523 TECHPUBLIC-TPZ10VC-523 Datasheet
1Mb / 4P
S0D523 Zener Diodes
More results


Similar Description - TPZ10VC-523

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
logo
NXP Semiconductors
PESDXS1UB NXP-PESDXS1UB Datasheet
123Kb / 15P
ESD protection diodes in SOD523 package
Rev. 02-24 August 2009
PESDXS1UB PHILIPS-PESDXS1UB Datasheet
123Kb / 15P
ESD protection diodes in SOD523 package
Rev. 02-24 August 2009
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
logo
Jiangsu High diode Semi...
1N4148WT HDSEMI-1N4148WT Datasheet
2Mb / 4P
SOD523 Plastic-Encapsulate Diodes
RB520S-30 HDSEMI-RB520S-30 Datasheet
2Mb / 4P
SOD523 Plastic-Encapsulate Diodes
RB521S-40 HDSEMI-RB521S-40 Datasheet
2Mb / 4P
SOD523 Plastic-Encapsulate Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com