Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC56X85X8 Datasheet (PDF) - France Joint

SC56X85X8 Datasheet PDF - France Joint
Part # SC56X85X8
Download  SC56X85X8 Download
File Size   465.23 Kbytes
Page   13 Pages
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint
Description STANDARD SHAFT SEALS

SC56X85X8 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC56X85X8 Datasheet PDF - France Joint

Part # SC56X85X8
Download  SC56X85X8 Click to download

File Size   465.23 Kbytes
Page   13 Pages
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint
Description STANDARD SHAFT SEALS

SC56X85X8 Datasheet (HTML) - France Joint


SC56X85X8 Product details

DESCRIPTION
The SC profile is a shaft seal
composed of a single metal cage
with a rubber coating and a primary
lip with integrated spring.

APPLICATIONS
Shaft sealing
Engines
Pumps
Transmissions




Similar Part No. - SC56X85X8

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SC56 ZOWIE-SC56 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
List of Unclassifed Man...
SC56-11 ETC-SC56-11 Datasheet
729Kb / 6P
14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Kingbright Corporation
SC56-11CGKWA KINGBRIGHT-SC56-11CGKWA Datasheet
348Kb / 6P
14.22mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11EWA KINGBRIGHT-SC56-11EWA Datasheet
162Kb / 3P
Standard-Displays
SC56-11EWA KINGBRIGHT-SC56-11EWA Datasheet
62Kb / 3P
14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Similar Description - SC56X85X8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
Bel Fuse Inc.
DCDH-15PSBN BEL-DCDH-15PSBN Datasheet
576Kb / 6P
Dura-ConTM Hermetic Connectors Standard Connectors With High Performance Hermetic Seals Catalog
rev03 05012019
logo
SparkFun Electronics
ROB-12203 SPARKFUN-ROB-12203 Datasheet
95Kb / 1P
ServoBlock Kit - Hitec Standard (Plain Shaft)
2/10/2016
ROB-12347 SPARKFUN-ROB-12347 Datasheet
96Kb / 1P
ServoBlock Kit - Hitec Standard (Hub Shaft)
2/10/2016
ROB-12501 SPARKFUN-ROB-12501 Datasheet
94Kb / 1P
Servo Shaft Coupler - Hitec Standard
1/15/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com