Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H-65-ALMENDRA Datasheet (PDF) - AG Electronica

H-65-ALMENDRA Datasheet PDF - AG Electronica
Part # H-65-ALMENDRA
Download  H-65-ALMENDRA Download
File Size   295.77 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description GABINETE H ALMENDRA 125 X 70 X 24MM

H-65-ALMENDRA Datasheet (PDF)

Go To PDF Page Download Datasheet
H-65-ALMENDRA Datasheet PDF - AG Electronica

Part # H-65-ALMENDRA
Download  H-65-ALMENDRA Click to download

File Size   295.77 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description GABINETE H ALMENDRA 125 X 70 X 24MM

H-65-ALMENDRA Datasheet (HTML) - AG Electronica


H-65-ALMENDRA Product details

Descripción
Es un gabinete electrónico de escritorio, fabricado en dos piezas con plástico ABS, incluye una tapa lateral intercambiable.

Aplicaciones
Este gabinete puede ser usado para guardar componentes electrónicos en su interior, para proteger diseños de PCB o para montar diversos proyectos de electrónica(teniendo en cuenta su espacio interior dedicado para placas de circuito).




Similar Part No. - H-65-ALMENDRA

ManufacturerPart #DatasheetDescription
logo
AG Electronica
H-65-GRIS AGELECTRONICA-H-65-GRIS Datasheet
295Kb / 2P
GABINETE H GRIS 125 X 70 X 24MM
26/07/2019
H-65-NEGRO AGELECTRONICA-H-65-NEGRO Datasheet
292Kb / 2P
GABINETE H NEGRO 125 X 70 X 24MM
26/07/2019
More results


Similar Description - H-65-ALMENDRA

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTBL8818-BL MARKTECH-MTBL8818-BL Datasheet
94Kb / 1P
Marktech Side View Lamp Type 135 x 24mm Backlighter
logo
Astec America, Inc
NTQ123-DC ASTEC-NTQ123-DC Datasheet
506Kb / 2P
70-125 Watts
logo
International Rectifier
SC070R015A5B IRF-SC070R015A5B Datasheet
215Kb / 5P
SCHOTTKY DIE 70 X 92 MILS
logo
Communications & Power ...
SFD377C CPI-SFD377C Datasheet
317Kb / 1P
70 kW, X-band coaxial magnetron
logo
AAEON Technology
TF-PER-M05 AAEON-TF-PER-M05 Datasheet
554Kb / 1P
1.57??(H) x 2.56??(W) x 4.65??(D) (40mm x 65mm x 118mm) (USB cable
logo
Winchester Electronics ...
2762706792 WINCHESTER-2762706792 Datasheet
136Kb / 2P
.125 X .125 GRID
2762720792 WINCHESTER-2762720792 Datasheet
136Kb / 2P
.125 X .125 GRID
logo
ORION FANS
OD7015 ORIONFANS-OD7015_16 Datasheet
1,012Kb / 3P
DC Fan 70 x 15mm (2.76 x .60in)
OD7020 ORIONFANS-OD7020_16 Datasheet
689Kb / 3P
DC Fan 70 x 20mm (2.76 x .79in)
logo
STANLEY ELECTRIC CO.,LT...
THG1111C-0005-TR STANLEY-THG1111C-0005-TR Datasheet
660Kb / 22P
Outer Dimension 1.6 x 0.8 x 0.7mm( L x W x H )
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com