Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A4ADAVJ Datasheet (PDF) - Ashcroft, Inc.

A4ADAVJ Datasheet PDF - Ashcroft, Inc.
Part # A4ADAVJ
Download  A4ADAVJ Download
File Size   267.92 Kbytes
Page   5 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description A4A Precision Pressure Gauge

A4ADAVJ Datasheet (PDF)

Go To PDF Page Download Datasheet
A4ADAVJ Datasheet PDF - Ashcroft, Inc.

Part # A4ADAVJ
Download  A4ADAVJ Click to download

File Size   267.92 Kbytes
Page   5 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description A4A Precision Pressure Gauge

A4ADAVJ Datasheet (HTML) - Ashcroft, Inc.


A4ADAVJ Product details

FEATURES
±0.1% of span accuracy (ASME B 40.100 Grade 4A)
Ranges from vacuum to 100,000 psi, gauge, absolute and compound pressure
Mirror band dial and knife edge pointer to eliminate parallax error
Solid front protective case
External zero adjustment




Similar Part No. - A4ADAVJ

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
A4AAF ASC-A4AAF Datasheet
25Kb / 1P
A-Package, 4 pin, No Port Cut, No Barb, Flat Leads
More results


Similar Description - A4ADAVJ

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
4601 FESTO-4601 Datasheet
90Kb / 1P
Pressure gauge
548009 FESTO-548009 Datasheet
106Kb / 2P
Pressure gauge
8/10/22
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
2849914 FESTO-2849914 Datasheet
109Kb / 2P
Precision pressure gauge
8/11/22
2849916 FESTO-2849916 Datasheet
111Kb / 2P
Precision pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
Pressure gauge
8/10/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com