Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AQS2DWCPSI Datasheet (PDF) - Ashcroft, Inc.

AQS2DWCPSI Datasheet PDF - Ashcroft, Inc.
Part # AQS2DWCPSI
Download  AQS2DWCPSI Download
File Size   535.29 Kbytes
Page   9 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description ST-2A Digital Indicator

AQS2DWCPSI Datasheet (PDF)

Go To PDF Page Download Datasheet
AQS2DWCPSI Datasheet PDF - Ashcroft, Inc.

Part # AQS2DWCPSI
Download  AQS2DWCPSI Click to download

File Size   535.29 Kbytes
Page   9 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description ST-2A Digital Indicator

AQS2DWCPSI Datasheet (HTML) - Ashcroft, Inc.


AQS2DWCPSI Product details

FEATURES
Benchtop indicator able to measure up to 3 parameters; pressure, temperature, voltage or current
Interchangeable pressure modules with pressure ranges from 0.25 in. H2O up to 10,000 psi
Measurement accuracy +/- 0.1%, 0.05% or 0.025% of span
RS232 serial communication
Traceable calibration certificate included with base and modules

AQS-1 and AQS-2 Pressure Modules
FEATURES
Low pressure modules ranges from 0.25 in. H2O (IWC) to 200 in. H2O (IWC), accuracy ±0.1% to ±0.06% of span, variable capacitance sensor, for use with clean dry gas media
Medium/high pressure modules 5 to 10,000 psi, accuracy ±0.1% to ±0.025% of span, 316 Stainless steel isolated sensor, for use with media compatible with 316 Stainless steel
Gauge, absolute, differential and compound ranges available
Temperature compensated 20 °F to 120 °F

AQS-RTD Modules
FEATURES
Measures temperature with most RTD probes
Supports 2, 3 and 4 - wire RTDs
Displays measurement for Farenheit, Celsius, Kelvin Rankine and ohms
Easy configurability to meet application

AQS-TC1 Thermocouple Temperature Modules
FEATURES
Allows ST-2A to measure temperature with a thermocouple
Pre-programmed to accept 8 most common thermocouple types
Displays measurement for Farenheit, Celsius, Kelvin Rankine and millivolts
Reference junctions: automatic internal or manual external




Similar Part No. - AQS2DWCPSI

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQS210 NAIS-AQS210 Datasheet
58Kb / 4P
PhotoMOS RELAYS
AQS210PS NAIS-AQS210PS Datasheet
101Kb / 4P
DAA (Data Access Arrangement) circuit package. SOP 16-pin type.
AQS210PSX NAIS-AQS210PSX Datasheet
101Kb / 4P
DAA (Data Access Arrangement) circuit package. SOP 16-pin type.
AQS210PSZ NAIS-AQS210PSZ Datasheet
101Kb / 4P
DAA (Data Access Arrangement) circuit package. SOP 16-pin type.
AQS210T2SX NAIS-AQS210T2SX Datasheet
58Kb / 4P
PhotoMOS RELAYS
More results


Similar Description - AQS2DWCPSI

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8980D-1 MITEL-MT8980D-1 Datasheet
121Kb / 18P
ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8985 MITEL-MT8985 Datasheet
345Kb / 18P
CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
CMOS ST-BUS??FAMILY Digital Switch
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
CMOS ST-BUS??FAMILY Enhanced Digital Switch
logo
List of Unclassifed Man...
UDM35 ETC2-UDM35 Datasheet
667Kb / 11P
Digital Panel Meters Modular Indicator and Controller
UDM40 ETC2-UDM40 Datasheet
668Kb / 11P
Digital Panel Meters Modular Indicator and Controller
logo
TT Electronics.
DS1951 TTELEC-DS1951 Datasheet
541Kb / 2P
FW Series Digital Flow Indicator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com