Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M-4-NEGRO Datasheet (PDF) - AG Electronica

M-4-NEGRO Datasheet PDF - AG Electronica
Part # M-4-NEGRO
Download  M-4-NEGRO Download
File Size   347.34 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description GABINETE M NEGRO 71 x 56 x 18mm

M-4-NEGRO Datasheet (PDF)

Go To PDF Page Download Datasheet
M-4-NEGRO Datasheet PDF - AG Electronica

Part # M-4-NEGRO
Download  M-4-NEGRO Click to download

File Size   347.34 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description GABINETE M NEGRO 71 x 56 x 18mm

M-4-NEGRO Datasheet (HTML) - AG Electronica


M-4-NEGRO Product details

Descripción
Es un gabinete electrónico de escritorio, fabricado en dos piezas con plástico ABS, incluye una tapa lateral intercambiable y un compartimiento para una batería AA .

Aplicaciones
Este gabinete puede ser usado para guardar componentes electrónicos en su interior, para proteger diseños de PCB o para montar diversos proyectos de electrónica(teniendo en cuenta su espacio dedicado para la batería AA y los soportes para PCB).




Similar Part No. - M-4-NEGRO

ManufacturerPart #DatasheetDescription
logo
AG Electronica
M-4-ALMENDRA AGELECTRONICA-M-4-ALMENDRA Datasheet
343Kb / 2P
GABINETE M ALMENDRA 71 x 56 x 18mm
26/07/2019
More results


Similar Description - M-4-NEGRO

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MBM29DL640E80 FUJITSU-MBM29DL640E80 Datasheet
913Kb / 71P
64 M (8 M X 8/4 M X 16) BIT Dual Operation
MBM29LV320TE FUJITSU-MBM29LV320TE Datasheet
877Kb / 64P
32 M (4 M X 8/2 M X 16) BIT
MBM29PL3200TE FUJITSU-MBM29PL3200TE Datasheet
670Kb / 59P
32 M (2 M X 16/1 M X 32) BIT
logo
List of Unclassifed Man...
SSB-COB9618GW ETC2-SSB-COB9618GW Datasheet
50Kb / 1P
96mm x 18mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green
logo
Cypress Semiconductor
CY7C1470V25 CYPRESS-CY7C1470V25_11 Datasheet
878Kb / 31P
72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
CY7C1480BV25 CYPRESS-CY7C1480BV25_11 Datasheet
1Mb / 34P
72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
CY7C1480BV33 CYPRESS-CY7C1480BV33_11 Datasheet
1,017Kb / 36P
72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_11 Datasheet
1Mb / 36P
72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
CY7C1470V25 CYPRESS-CY7C1470V25_13 Datasheet
506Kb / 39P
72-Mbit (2 M × 36/4 M × 18/1 M × 72) Pipelined SRAM with NoBL™ Architecture
June 27, 2013
logo
TAI-SAW TECHNOLOGY CO.,...
TB0630A TAI-SAW-TB0630A Datasheet
108Kb / 7P
IF SAW Filter 71 MHz 0.25MHz BW SMD 13.3 x 6.5 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com