Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK4344 Datasheet (PDF) - Asahi Kasei Microsystems

AK4344 Datasheet PDF - Asahi Kasei Microsystems
Part # AK4344
Download  AK4344 Download
File Size   553.2 Kbytes
Page   24 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC

AK4344 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4344 Datasheet PDF - Asahi Kasei Microsystems

Part # AK4344
Download  AK4344 Click to download

File Size   553.2 Kbytes
Page   24 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC

AK4344 Datasheet (HTML) - Asahi Kasei Microsystems


AK4344 Product details

GENERAL DESCRIPTION
The AK4344 is a 24bit low voltage & low power stereo. The AK4344 uses the Advanced Multi-Bit ΔΣ architecture, which achieves DR=100dB at 3.3V operation. The AK4344 integrates a combination of SCF and CTF filters increasing performance for systems with excessive clock jitter. The output voltage level can be set as high as 1Vrms. The AK4344 is offered in a space saving 16pin TSSOP package.

FEATURES
□ Sampling Rate: 8kHz ∼ 96kHz
□ 24-Bit 8 times FIR Digital Filter
□ SCF with high tolerance to clock jitter
□ Single-ended output buffer
□ Digital de-emphasis for 32kHz, 44.1kHz, 48kHz sampling
□ I/F Format: 24-Bit MSB justified, 16/24-Bit LSB justified, I2S Compatible
□ Master Clock:
    512/768/1024/1536fs for Half Speed (8kHz ∼ 24kHz)
    256/384/512/768fs for Normal Speed (8kHz ∼ 48kHz)
    128/192/256/384fs for Double Speed (48kHz ∼ 96kHz)
□ µP Interface: 4-wire/3-wire
□ CMOS Input Level
□ THD+N: -90dB(0dB)
□ DR, S/N: 100dB
□ DAC output voltage level: 1Vrms (@VDD=3.3V)
□ Power Supply: 2.7 to 3.6V
□ Ta = −20 ∼ 85°C
□ 16pin TSSOP




Similar Part No. - AK4344

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4344 AKM-AK4344 Datasheet
706Kb / 34P
24bit and 96kHz DAC with DIT for portable and home audio systems
AK4344 AKM-AK4344 Datasheet
413Kb / 25P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4344ET AKM-AK4344ET Datasheet
413Kb / 25P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4344 AKM-AK4344_10 Datasheet
413Kb / 25P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
More results


Similar Description - AK4344

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4386 AKM-AK4386 Datasheet
129Kb / 16P
100DB 96KHZ 24 BIT 2CH
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
96kHz 24-Bit ?誇 ADC
logo
Wolfson Microelectronic...
WM8714 WOLFSON-WM8714 Datasheet
157Kb / 17P
24-bit, 96kHz Stereo DAC
logo
Asahi Kasei Microsystem...
AK4345 AKM-AK4345 Datasheet
659Kb / 26P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
AK4393 AKM-AK4393_03 Datasheet
240Kb / 23P
Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
96kHz 24-Bit ?誇 ADC
AK4344 AKM-AK4344_10 Datasheet
413Kb / 25P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4345 AKM-AK4345_10 Datasheet
488Kb / 27P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
AK4393 AKM-AK4393_12 Datasheet
260Kb / 24P
Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4386ET AKM-AK4386ET Datasheet
237Kb / 18P
100dB 96kHz 24-Bit 2ch ?誇 DAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com