Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MKP-X2 Datasheet (PDF) - List of Unclassifed Manufacturers

MKP-X2 Datasheet PDF - List of Unclassifed Manufacturers
Part # MKP-X2
Download  MKP-X2 Download
File Size   150.05 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Metallized Polypropylene RFI-Capacitors Class X2 PCM 7.5 mm to 27.5 mm

MKP-X2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MKP-X2 Datasheet PDF - List of Unclassifed Manufacturers

Part # MKP-X2
Download  MKP-X2 Click to download

File Size   150.05 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Metallized Polypropylene RFI-Capacitors Class X2 PCM 7.5 mm to 27.5 mm

MKP-X2 Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - MKP-X2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP-338-2 ETC2-MKP-338-2 Datasheet
456Kb / 17P
Interference suppression film capacitors
logo
TDK Electronics
MKP-B32612614 TDK-MKP-B32612614 Datasheet
549Kb / 30P
Metallized Polypropylene Film Capacitors
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
Metallized Polypropylene Film Capacitors
MKP-B32651656 TDK-MKP-B32651656 Datasheet
620Kb / 39P
Metallized Polypropylene Film Capacitors
MKP-B32656S TDK-MKP-B32656S Datasheet
1Mb / 62P
Metallized Polypropylene Film Capacitors (MKP)
More results


Similar Description - MKP-X2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKS3 ETC-MKS3 Datasheet
32Kb / 2P
Metallized polyester capacitors in PCM 7.5 mm
logo
Illinois Capacitor, Inc...
472MKP275K ILLINOISCAPACITOR-472MKP275K Datasheet
399Kb / 3P
Class X2 Radial Lead Metallized Polypropylene Capacitors
logo
Kemet Corporation
PHE840EA5100MA01R17 KEMET-PHE840EA5100MA01R17 Datasheet
235Kb / 2P
EMI suppressor, class X2, metallized polypropylene
PHE840MK5100MK01R17 KEMET-PHE840MK5100MK01R17 Datasheet
192Kb / 2P
EMI suppressor, class X2, metallized polypropylene
logo
List of Unclassifed Man...
MKS2D031001A00KSSD ETC2-MKS2D031001A00KSSD Datasheet
388Kb / 8P
Metallized Polyester (PET) Capacitors in PCM 5 mm
MKS4G032205BSOKSSD ETC2-MKS4G032205BSOKSSD Datasheet
467Kb / 11P
Metallized Polyester (PET) Capacitors PCM 7.5 mm to 37.5 mm
logo
Surge Components
CMPP SURGE-CMPP Datasheet
952Kb / 1P
Metallized Polypropylene Film Capacitors X2-Class
logo
Kemet Corporation
F861BC104M310C KEMET-F861BC104M310C Datasheet
2Mb / 19P
Metallized Polypropylene Film, Class X2, 310 VAC
R474R34705001K KEMET-R474R34705001K Datasheet
55Kb / 1P
Capacitor, film, Metallized Polypropylene, 0.47 uF, /-10% Tol, -40/110C, Safety: X2, 440 VAC, Lead Spacing=27.5 mm
R474R36805001K KEMET-R474R36805001K Datasheet
55Kb / 1P
Capacitor, film, Metallized Polypropylene, 0.68 uF, /-10% Tol, -40/110C, Safety: X2, 440 VAC, Lead Spacing=27.5 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com