Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W681512 Datasheet (PDF) - Winbond

W681512 Datasheet PDF - Winbond
Part # W681512
Download  W681512 Download
File Size   316.27 Kbytes
Page   38 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description SINGLE-CHANNEL VOICEBAND CODEC

W681512 Datasheet (PDF)

Go To PDF Page Download Datasheet
W681512 Datasheet PDF - Winbond

Part # W681512
Download  W681512 Click to download

File Size   316.27 Kbytes
Page   38 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description SINGLE-CHANNEL VOICEBAND CODEC

W681512 Datasheet (HTML) - Winbond


W681512 Product details

GENERAL DESCRIPTION

The W681512 is a general-purpose single channel PCM CODEC with pin-selectable μ-Law or A-Law companding. The device is compliant with the ITU G.712 specification. It operates from a single +5V power supply and is available in 20-pin SOG (SOP), SSOP and TSSOP package. Functions performed include digitization and reconstruction of voice signals, and band limiting and smoothing filters required for PCM systems. The filters are compliant with ITU G.712 specification. W681512 performance is specified over the industrial temperature range of –40°C to +85°C.



FEATURES

• Single +5V power supply

• Typical power dissipation of 30 mW, power-down mode of 0.5 μW

• Fully-differential analog circuit design and output signals

• Differential Analog Outputs

• On-chip precision reference of 1.575 V for a 0 dBm TLP at 600 Ω (775mVRMS)

• Push-pull power amplifiers with external gain adjustment with 300 Ω load capability

• Seven master clock rates of 256 kHz to 4.096 MHz

• Pin-selectable μ-Law and A-Law companding (compliant with ITU G.711)

• CODEC A/D and D/A filtering compliant with ITU G.712

• Industrial temperature range (–40°C to +85°C)

• Packages: 20-pin SOG (SOP), SSOP and TSSOP

• Pb-Free package options available



ApplIcations

• VoIP, Voice over Networks equipment

• Digital telephone and communication systems

• Wireless Voice devices

• DECT/Digital Cordless phones

• Broadband Access Equipment

• Bluetooth Headsets

• Fiber-to-curb equipment

• Enterprise phones

• Digital Voice Recorders



 




Similar Part No. - W681512

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
SINGLE-CHANNEL VOICEBAND CODEC
logo
Winbond
W681512ES WINBOND-W681512ES Datasheet
548Kb / 6P
Single Channel CODEC Mini Evaluation Board
logo
Nuvoton Technology Corp...
W681512RG NUVOTON-W681512RG Datasheet
942Kb / 34P
SINGLE-CHANNEL VOICEBAND CODEC
W681512SG NUVOTON-W681512SG Datasheet
942Kb / 34P
SINGLE-CHANNEL VOICEBAND CODEC
W681512WG NUVOTON-W681512WG Datasheet
942Kb / 34P
SINGLE-CHANNEL VOICEBAND CODEC
More results


Similar Description - W681512

ManufacturerPart #DatasheetDescription
logo
Winbond
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810_06 Datasheet
328Kb / 37P
SINGLE-CHANNEL VOICEBAND CODEC
W6811 WINBOND-W6811_05 Datasheet
598Kb / 37P
SINGLE-CHANNEL VOICEBAND CODEC
W681310 WINBOND-W681310_07 Datasheet
324Kb / 38P
3V SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
SINGLE-CHANNEL VOICEBAND CODEC
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
SINGLE-CHANNEL VOICEBAND CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com