Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML1350 Datasheet (PDF) - LANSDALE Semiconductor Inc.

ML1350 Datasheet PDF - LANSDALE Semiconductor Inc.
Part # ML1350
Download  ML1350 Download
File Size   582.89 Kbytes
Page   6 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description Monolithic IF Amplifier

ML1350 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML1350 Datasheet PDF - LANSDALE Semiconductor Inc.

Part # ML1350
Download  ML1350 Click to download

File Size   582.89 Kbytes
Page   6 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description Monolithic IF Amplifier

ML1350 Datasheet (HTML) - LANSDALE Semiconductor Inc.


ML1350 Product details

Legacy Device: Motorola MC1350

The ML1350 is an integrated circuit featuring wide range AGC for use as a linear IF amplifier in AM radio, shortwave, TV and instrumentation.

• Power Gain: 50 dB Typ at 45 MHz
                       50 dB Typ at 58 MHz
• AGC Range: 60 dB Min, DC to 45 MHz
• Nearly Constant Input & Output Admittance over the Entire AGC Range
• Y21 Constant (–3.0 dB) to 90 MHz
• Low Reverse Transfer Admittance: << 1.0 µmho Typical
• 12 V Operation, Single–Polarity Power Supply
• Operating Temperature Range TA = 0° to +75° C




Similar Part No. - ML1350

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML1350 LANSDALE-ML1350 Datasheet
189Kb / 6P
Monolithic IF Amplifier
ML1350-5P LANSDALE-ML1350-5P Datasheet
189Kb / 6P
Monolithic IF Amplifier
ML1350PP LANSDALE-ML1350PP Datasheet
189Kb / 6P
Monolithic IF Amplifier
ML1350 LANSDALE-ML1350_08 Datasheet
189Kb / 6P
Monolithic IF Amplifier
More results


Similar Description - ML1350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA4445A STMICROELECTRONICS-TDA4445A Datasheet
72Kb / 6P
SOUND IF AMPLIFIER
Dec-1992
logo
Zarlink Semiconductor I...
SL610 ZARLINK-SL610 Datasheet
344Kb / 7P
RF/IF AMPLIFIER
logo
List of Unclassifed Man...
ECG1082 ETC1-ECG1082 Datasheet
90Kb / 2P
FM IF AMPLIFIER
logo
National Semiconductor ...
TBA440C NSC-TBA440C Datasheet
106Kb / 2P
Monolithic Video IF Amplifier
logo
General Electric Compan...
6HR6 GEC-6HR6 Datasheet
67Kb / 1P
IF AMPLIFIER
logo
Mini-Circuits
PSA-0012 MINI-PSA-0012 Datasheet
145Kb / 1P
High Dynamic Range Monolithic IF Amplifier
CMA-62 MINI-CMA-62 Datasheet
420Kb / 5P
Monolithic Amplifier
logo
LANSDALE Semiconductor ...
ML1350 LANSDALE-ML1350_08 Datasheet
189Kb / 6P
Monolithic IF Amplifier
logo
Motorola, Inc
MC1350 MOTOROLA-MC1350 Datasheet
165Kb / 6P
IF AMPLIFIER
logo
Fairchild Semiconductor
UA703 FAIRCHILD-UA703 Datasheet
145Kb / 3P
RF-IF AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com