Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML1490PP Datasheet (PDF) - LANSDALE Semiconductor Inc.

ML1490PP Datasheet PDF - LANSDALE Semiconductor Inc.
Part # ML1490PP
Download  ML1490PP Download
File Size   545.2 Kbytes
Page   8 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description RF/IF/Audio Amplifier Wideband Amplifier With AGC

ML1490PP Datasheet (PDF)

Go To PDF Page Download Datasheet
ML1490PP Datasheet PDF - LANSDALE Semiconductor Inc.

Part # ML1490PP
Download  ML1490PP Click to download

File Size   545.2 Kbytes
Page   8 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description RF/IF/Audio Amplifier Wideband Amplifier With AGC

ML1490PP Datasheet (HTML) - LANSDALE Semiconductor Inc.


ML1490PP Product details

Legacy Device: Motorola MC1490



The ML1490 is an integrated circuit featuring wide–range AGC for use in RF/IF amplifiers and audio amplifiers.

• High Power Gain:

50 dB Typ at 10 MHz

45 dB Typ at 60 MHz

35 dB Typ at 100 MHz

• Wide Range AGC: 60 dB Min, DC to 60 MHz

• 6.0 V to 15 V Operation, Single Polarity Supply

• Operating Temperature Range TA = –40° to +85°C




Similar Part No. - ML1490PP

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML1490PP LANSDALE-ML1490PP Datasheet
534Kb / 8P
RF/IF/Audio Amplifier Wideband Amplifier With AGC
More results


Similar Description - ML1490PP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL6140 MITEL-SL6140 Datasheet
171Kb / 10P
400MHz Wideband AGC Amplifier
logo
Zarlink Semiconductor I...
SL6140 ZARLINK-SL6140 Datasheet
476Kb / 10P
400MHZ WIDEBAND AGC AMPLIFIER
logo
List of Unclassifed Man...
ISG510067 ETC1-ISG510067 Datasheet
209Kb / 7P
DTV IF AGC AMPLIFIER
logo
Zarlink Semiconductor I...
ZL10060 ZARLINK-ZL10060 Datasheet
312Kb / 38P
MOPLL with IF AGC Amplifier
logo
Motorola, Inc
MC1590G MOTOROLA-MC1590G Datasheet
517Kb / 8P
RF/IF/AUDIO AMPLIFIER
logo
SIRENZA MICRODEVICES
S510067 SIRENZA-S510067 Datasheet
163Kb / 6P
DTV IF AGC AMPLIFIER
logo
List of Unclassifed Man...
PS20060 ETC2-PS20060 Datasheet
1Mb / 39P
MOPLL with IF AGC Amplifier Preliminary Information
PS20063 ETC2-PS20063 Datasheet
858Kb / 39P
Image Reject MOPLL with IF AGC Amplifier
logo
TriQuint Semiconductor
TGA1342-SCC TRIQUINT-TGA1342-SCC_15 Datasheet
119Kb / 7P
2 20 GHz Wideband AGC Amplifier
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490_08 Datasheet
534Kb / 8P
RF/IF/Audio Amplifier Wideband Amplifier With AGC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com