Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML12009 Datasheet (PDF) - LANSDALE Semiconductor Inc.

ML12009 Datasheet PDF - LANSDALE Semiconductor Inc.
Part # ML12009
Download  ML12009 Download
File Size   1232.02 Kbytes
Page   14 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description MECL PLL Components Dual Modulus Prescaler

ML12009 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML12009 Datasheet PDF - LANSDALE Semiconductor Inc.

Part # ML12009
Download  ML12009 Click to download

File Size   1232.02 Kbytes
Page   14 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description MECL PLL Components Dual Modulus Prescaler

ML12009 Datasheet (HTML) - LANSDALE Semiconductor Inc.


ML12009 Product details

Legacy Device:Motorola MC12009, MC12011



These devices are two–modulus prescalers which will divide by 5 and 6, 8 and 9, respectively. A MECL–to–MTTL translator is provided to interface directly with the Motorola MC12014 Counter Control Logic. In addition, there is a buffered clock input and MECL bias voltage source.



• ML12009 480 MHz (÷5/6), ML12011 550 MHz (÷8/9)

• MECL to MTTL Translator on Chip

• MECL and MTTL Enable Inputs

• 5.0 or –5.2 V Operation*

• Buffered Clock Input — Series Input RC Typ, 20 Ωand 4.0 pF

• VBB Reference Voltage

• 310 mW (Typ)




Similar Part No. - ML12009

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12009 LANSDALE-ML12009 Datasheet
246Kb / 14P
MECL PLL Components Dual Modulus Prescaler
ML12009-5P LANSDALE-ML12009-5P Datasheet
246Kb / 14P
MECL PLL Components Dual Modulus Prescaler
ML12009EP LANSDALE-ML12009EP Datasheet
246Kb / 14P
MECL PLL Components Dual Modulus Prescaler
ML12009 LANSDALE-ML12009_08 Datasheet
246Kb / 14P
MECL PLL Components Dual Modulus Prescaler
More results


Similar Description - ML12009

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12013 LANSDALE-ML12013 Datasheet
3Mb / 15P
MECL PLL Components Dual Modulus Prescaler
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
MECL PLL Components Dual Modulus Prescaler
logo
Motorola, Inc
MC12022LVA MOTOROLA-MC12022LVA Datasheet
90Kb / 7P
MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12034A MOTOROLA-MC12034A Datasheet
84Kb / 4P
MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
MC12038A MOTOROLA-MC12038A Datasheet
87Kb / 5P
MECL PLL COMPONENTS 첨127/128, 첨255/256 DUAL MODULUS PRESCALER
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509_08 Datasheet
5Mb / 12P
MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013_08 Datasheet
5Mb / 15P
MECL PLL Components Dual Modulus Prescaler
ML12009 LANSDALE-ML12009_08 Datasheet
246Kb / 14P
MECL PLL Components Dual Modulus Prescaler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com