Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML12019 Datasheet (PDF) - LANSDALE Semiconductor Inc.

ML12019 Datasheet PDF - LANSDALE Semiconductor Inc.
Part # ML12019
Download  ML12019 Download
File Size   958.35 Kbytes
Page   4 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description Dual Modulus Prescaler

ML12019 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML12019 Datasheet PDF - LANSDALE Semiconductor Inc.

Part # ML12019
Download  ML12019 Click to download

File Size   958.35 Kbytes
Page   4 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description Dual Modulus Prescaler

ML12019 Datasheet (HTML) - LANSDALE Semiconductor Inc.


ML12019 Product details

The ML12019 is a divide by 20 and 21 dual modulus prescaler. It will devide by 20 when the modulus control input is HIGH and divide by 21 when the modulus control input is LOW.

• 225 MHz Toggle Frequency
• Low–Power 7.5 mA Maximum at 5.5 V
• Control Input is Compatible with Standard Motorola or Lansdale CMOS Synthesizers
• Emitter Follower Output
• Operating Temperature Range TA = –40 to 85°C




Similar Part No. - ML12019

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12019 LANSDALE-ML12019 Datasheet
171Kb / 4P
Dual Modulus Prescaler
ML12019-5P LANSDALE-ML12019-5P Datasheet
171Kb / 4P
Dual Modulus Prescaler
ML12019PP LANSDALE-ML12019PP Datasheet
171Kb / 4P
Dual Modulus Prescaler
ML12019 LANSDALE-ML12019_08 Datasheet
171Kb / 4P
Dual Modulus Prescaler
More results


Similar Description - ML12019

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC12019 FREESCALE-MC12019 Datasheet
237Kb / 3P
Dual Modulus Prescaler
logo
Motorola, Inc
MC12022A MOTOROLA-MC12022A Datasheet
74Kb / 8P
1.1GHz Dual Modulus Prescaler
MC12026A MOTOROLA-MC12026A Datasheet
66Kb / 6P
1.1GHz Dual Modulus Prescaler
MC12018 MOTOROLA-MC12018 Datasheet
53Kb / 4P
520MHz Dual Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
logo
Motorola, Inc
MC12009 MOTOROLA-MC12009 Datasheet
214Kb / 15P
Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12015 LANSDALE-ML12015 Datasheet
310Kb / 4P
Dual Modulus Prescaler
logo
Motorola, Inc
MC12015 MOTOROLA-MC12015 Datasheet
240Kb / 3P
Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12019 LANSDALE-ML12019_08 Datasheet
171Kb / 4P
Dual Modulus Prescaler
ML12015 LANSDALE-ML12015_08 Datasheet
135Kb / 4P
Dual Modulus Prescaler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com