Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL811E Datasheet (PDF) - GENESYS LOGIC

GL811E Datasheet PDF - GENESYS LOGIC
Part # GL811E
Download  GL811E Download
File Size   750.31 Kbytes
Page   33 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 2.0 to ATA / ATAPI Bridge Controller

GL811E Datasheet (PDF)

Go To PDF Page Download Datasheet
GL811E Datasheet PDF - GENESYS LOGIC

Part # GL811E
Download  GL811E Click to download

File Size   750.31 Kbytes
Page   33 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 2.0 to ATA / ATAPI Bridge Controller

GL811E Datasheet (HTML) - GENESYS LOGIC


GL811E Product details

GENERAL DESCRIPTION

The  GL811E  is  a  highly-compatible,  low  cost  USB  2.0  to  A TA  /  A TAPI  bridge  controller,  which  integrates Genesys Logic own design high speed UTMI (USB 2.0  Transceiver Macrocell Interface) transceiver.



FEATURES

·  Complies with Universal Serial Bus specification rev. 2.0.

·  Complies with A TA/A TAPI-6 specification rev 1.0.

·  Complies with USB Storage Class specification ver.1.0. (Bulk only protocol)

·  Operating system supported: Win XP / 2000 / Me / 98 / 98SE; Mac OS 9.X / X.

·  Integrated USB2.0 Transceiver Macrocell Interface (UTMI) transceiver and Serial Interface Engine (SIE).

·  USB 2.0 certified (TestID=40380268)

·  Supports 4 endpoints: Control (0) / Bulk Read (1) / Bulk Write (2) / Interrupt (3).

·  64 / 512 bytes Data Payload for full / high speed Bulk Endpoint.

·  Supports 16-bit Multiword DMA  mode and Ultra DMA  mode interface (Ultra 33 / 66).

·  Embedded 7.5 MIPS RISC CPU.

·  ROM size: 4k words; RAM size: 128 bytes.

·  Supports Power Down mode and USB suspend indicator.

·  Supports USB 2.0  TEST mode features.

·  Supports 2 GPIO (GPIO5 & 6) for programmable  AP (only for 64 pin package).

·  Supportsdevicepower control forpower on/off when running suspend mode (only for64 pin package).

·  Supports 32 bit and 48 bit LBA hard disk.

·  Provides LED indicator for Full Speed and High Speed (only for 64 pin package).

·  12 MHz external clock to provide better EMI.

·  3.3V power input; 5V tolerance pad for IDE interface.

·  Supports W akeup ability .

·  Available in 48-pin LQFP and 64-pin LQFP package.




Similar Part No. - GL811E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL811E ETC-GL811E Datasheet
1Mb / 35P
USB 2.0 to ATA / ATAPI Bridge Controller
More results


Similar Description - GL811E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL811USB ETC-GL811USB Datasheet
291Kb / 36P
USB 2.0 to ATA / ATAPI Bridge Controller
GL811E ETC-GL811E Datasheet
1Mb / 35P
USB 2.0 to ATA / ATAPI Bridge Controller
logo
Cypress Semiconductor
CY7C68300A CYPRESS-CY7C68300A Datasheet
157Kb / 26P
EZ-USB AT2 USB 2.0 to ATA/ATAPI Bridge
logo
SMSC Corporation
USB97C201 SMSC-USB97C201 Datasheet
385Kb / 59P
USB 2.0 ATA/ ATAPI Controller
logo
Texas Instruments
TUSB6250 TI-TUSB6250 Datasheet
1Mb / 124P
USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
logo
SMSC Corporation
USB97C201 SMSC-USB97C201_03 Datasheet
423Kb / 59P
USB 2.0 ATA/ ATAPI Controller
USB97C202 SMSC-USB97C202_07 Datasheet
189Kb / 19P
USB 2.0 ATA/ATAPI Controller
logo
GENESYS LOGIC
GL811S GENESYS-GL811S Datasheet
935Kb / 5P
USB 2.0 to ATA/ATAPI Bridge Controller
logo
Cypress Semiconductor
CY7C68300A CYPRESS-CY7C68300A_05 Datasheet
488Kb / 21P
EZ-USB AT2??USB 2.0 To ATA/ATAPI Bridge
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
USB 2.0 To ATA/ATAPI Bridge Controller
More results




About GENESYS LOGIC


Genesys Logic is a fabless semiconductor company based in Taiwan that specializes in the design and development of USB, USB Type-C, and power delivery controller ICs (integrated circuits). The company was founded in 1997 and has since become a leading provider of USB solutions for various applications such as PCs, smartphones, tablets, and automotive electronics.

Some of Genesys Logic's products include USB 2.0/3.0/3.1/4.0 controllers, USB Type-C controllers, USB Type-C power delivery controllers, USB hubs, card readers, and audio controllers. The company's solutions are widely used in consumer electronics, industrial and automotive applications.

In addition to its USB products, Genesys Logic also offers other IC products such as high-speed digital video/audio processors and memory card controllers. The company is committed to providing innovative and reliable solutions to meet the evolving needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com