Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML12079 Datasheet (PDF) - LANSDALE Semiconductor Inc.

ML12079 Datasheet PDF - LANSDALE Semiconductor Inc.
Part # ML12079
Download  ML12079 Download
File Size   392.7 Kbytes
Page   4 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description 2.8 GHz Prescaler MECL PLL Components 첨64/128/256 Prescaler

ML12079 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML12079 Datasheet PDF - LANSDALE Semiconductor Inc.

Part # ML12079
Download  ML12079 Click to download

File Size   392.7 Kbytes
Page   4 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description 2.8 GHz Prescaler MECL PLL Components 첨64/128/256 Prescaler

ML12079 Datasheet (HTML) - LANSDALE Semiconductor Inc.


ML12079 Product details

The ML12079 is a single modulus divide by 64, 128, 256 prescaler for low power frequency division of a 2.8 GHz (typical) high frequency input signal. Divide ratio control inputs SW1 and SW2 select the required divide ratio of ÷64, ÷128, or ÷256.

An external load resistor is required to terminate the output. A 1.2 kΩ resistor is recommended to achieve a 1.6 V pp output swing, when dividing a 1.1 GHz input signal by the minimum divide ratio of 64, assuming a 12 pF load. Output current can be minimized dependent on conditions such as output frequency, capacitive load being driven, and output voltage swing required. Typical values for load resistors are included in the Vout specification for various divide ratios at 2.8 GHz input frequency.



• 2.8 GHz Toggle Frequency

• Supply Voltage 4.5 to 5.5 V

• Low Supply Current 9mA Typical at VCC = 5.0 V

• Operating Temperature Range of TA = –40 to 85°C



 




Similar Part No. - ML12079

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12079 LANSDALE-ML12079 Datasheet
111Kb / 4P
2.8 GHz Prescaler MECL PLL Components
ML12079-5P LANSDALE-ML12079-5P Datasheet
111Kb / 4P
2.8 GHz Prescaler MECL PLL Components
ML12079PP LANSDALE-ML12079PP Datasheet
111Kb / 4P
2.8 GHz Prescaler MECL PLL Components
ML12079 LANSDALE-ML12079_08 Datasheet
111Kb / 4P
2.8 GHz Prescaler MECL PLL Components
More results


Similar Description - ML12079

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC12079 TI-MC12079 Datasheet
77Kb / 4P
MECL PLL COMPONENTS /64/128/256 PRESCALER
logo
Motorola, Inc
MC12022LVA MOTOROLA-MC12022LVA Datasheet
90Kb / 7P
MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
MC12066 MOTOROLA-MC12066 Datasheet
142Kb / 4P
MECL PLL COMPONENTS 첨64/256 PRESCALER
MC12074 MOTOROLA-MC12074 Datasheet
89Kb / 3P
MECL PLL COMPONENTS 첨256 PRESCALER
MC12075 MOTOROLA-MC12075 Datasheet
74Kb / 3P
MECL PLL COMPONENTS 첨64 PRESCALER
MC12089 MOTOROLA-MC12089 Datasheet
74Kb / 4P
MECL PLL COMPONENTS 첨64/128 PRESCALER
MC12023 MOTOROLA-MC12023 Datasheet
67Kb / 2P
MECL PLL COMPONENTS 첨64 PRESCALER
MC12038A MOTOROLA-MC12038A Datasheet
87Kb / 5P
MECL PLL COMPONENTS 첨127/128, 첨255/256 DUAL MODULUS PRESCALER
logo
LANSDALE Semiconductor ...
ML12079 LANSDALE-ML12079_08 Datasheet
111Kb / 4P
2.8 GHz Prescaler MECL PLL Components
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com