Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML12179 Datasheet (PDF) - LANSDALE Semiconductor Inc.

ML12179 Datasheet PDF - LANSDALE Semiconductor Inc.
Part # ML12179
Download  ML12179 Download
File Size   582.99 Kbytes
Page   11 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description 500-2800 MHz Single Channel Frequency Synthesizer

ML12179 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML12179 Datasheet PDF - LANSDALE Semiconductor Inc.

Part # ML12179
Download  ML12179 Click to download

File Size   582.99 Kbytes
Page   11 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description 500-2800 MHz Single Channel Frequency Synthesizer

ML12179 Datasheet (HTML) - LANSDALE Semiconductor Inc.


ML12179 Product details

The ML12179 is a monolithic Bipolar synthesizer integrating the high frequency prescaler, phase/frequency detector, charge pump, and reference oscillator/buffer functions. When combined with an external loop filter and VCO, the ML12179 serves as a complete PLL subsystem. The device is designed for operation up to 2.8 GHz for high frequency applications such as CATV down converters and satellite receiver tuners.



• 2.8 GHz Maximum Operating Frequency

• Low Power Supply Current of 3.5 mA Typical, Including ICC and IP Current

• Supply Voltage of 5.0 V Typical

• Integrated Divide by 256 Prescaler

• On–Chip Reference Oscillator/Buffer

   – 2.0 to 11 MHz Operation When Driven From Reference Source

   – 5.0 to 11 MHz Operation when used with a Crystal

• Digital Phase/Frequency Detector with Linear Transfer Function

• Balanced Charge Pump Output

• Space Efficient 8–Lead SOIC

• Operating Temperature Range TA = –40° to +85°C



 




Similar Part No. - ML12179

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12179 LANSDALE-ML12179 Datasheet
298Kb / 11P
500-2800 MHz Single Channel Frequency Synthesizer
ML12179-5P LANSDALE-ML12179-5P Datasheet
298Kb / 11P
500-2800 MHz Single Channel Frequency Synthesizer
ML12179 LANSDALE-ML12179_08 Datasheet
298Kb / 11P
500-2800 MHz Single Channel Frequency Synthesizer
More results


Similar Description - ML12179

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12179 MOTOROLA-MC12179 Datasheet
343Kb / 11P
500 - 2800 MHz Single Channel Frequency Synthesizer
logo
LANSDALE Semiconductor ...
ML12179 LANSDALE-ML12179_08 Datasheet
298Kb / 11P
500-2800 MHz Single Channel Frequency Synthesizer
logo
Mallory Sonalert Produc...
MAS803Q MSPI-MAS803Q Datasheet
107Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
MAS803SQ MSPI-MAS803SQ Datasheet
110Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
MAS806Q MSPI-MAS806Q Datasheet
96Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
MAS806SQ MSPI-MAS806SQ Datasheet
112Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
PS-550DG-24AQ MSPI-PS-550DG-24AQ Datasheet
89Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
PS-551DGQ MSPI-PS-551DGQ Datasheet
89Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
PS-551DYQ MSPI-PS-551DYQ Datasheet
83Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
PS-554DY-AQ MSPI-PS-554DY-AQ Datasheet
83Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com