Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML12202 Datasheet (PDF) - LANSDALE Semiconductor Inc.

ML12202 Datasheet PDF - LANSDALE Semiconductor Inc.
Part # ML12202
Download  ML12202 Download
File Size   3615.77 Kbytes
Page   11 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description MECL PLL Components Serial Input PLL Frequency Synthesizer

ML12202 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML12202 Datasheet PDF - LANSDALE Semiconductor Inc.

Part # ML12202
Download  ML12202 Click to download

File Size   3615.77 Kbytes
Page   11 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description MECL PLL Components Serial Input PLL Frequency Synthesizer

ML12202 Datasheet (HTML) - LANSDALE Semiconductor Inc.


ML12202 Product details

Legacy Device: Motorola MC12202

The ML12202 is a 1.1 GHz Bipolar monolithic serial input phase locked loop (PLL) synthesizer with pulse–swallow function. It is designed to provide the high frequency local oscillator signal of an RF transceiver in handheld communication applications.

• Low Power Supply Current of 5.8 mA Typical for ICC and 0.7 mA Typical for IP
• Supply Voltage of 2.7 to 5.5 V
• Dual Modulus Prescaler With Selectable Divide Ratios of 64/65 or128/129
• On–Chip Reference Oscillator/Buffer
• Programmable Reference Divider Consisting of a Binary 14–Bit Programmable Reference Counter
• Programmable Divider Consisting of a Binary 7–Bit Swallow Counter and an 11–Bit Programmable Counter
• Phase/Frequency Detector With Phase Conversion Function
• Balanced Charge Pump Outputs
• Dual Internal Charge Pumps for Bypassing the First Stage of the Loop Filter to Decrease Lock Time
• Outputs for External Charge Pump
• Operating Temperature Range of TA = –40 to 85°C




Similar Part No. - ML12202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML1220 ETC2-ML1220 Datasheet
134Kb / 4P
Lithium Manganese Dioxide Rechargeable Batteries
logo
Panasonic Battery Group
ML1220 PANASONICBATTERY-ML1220 Datasheet
38Kb / 1P
Manganese Lithium Coin Batteries
logo
Maxwell Technologies
ML1220 MAXWELL-ML1220 Datasheet
432Kb / 2P
Lithium Manganese Dioxide Rechargeable Battery
April 2011
ML1220 MAXWELL-ML1220 Datasheet
1,002Kb / 9P
LITHIUM MANGANESE DIOXIDE RECHARGEABLE BATTERY
ML1220T13 MAXWELL-ML1220T13 Datasheet
1,002Kb / 9P
LITHIUM MANGANESE DIOXIDE RECHARGEABLE BATTERY
More results


Similar Description - ML12202

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
Serial input PLL frequency synthesizer
logo
fujitsu semiconductor
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC145157-2 MOTOROLA-MC145157-2 Datasheet
81Kb / 3P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
fujitsu semiconductor
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
LANSDALE Semiconductor ...
ML12210 LANSDALE-ML12210 Datasheet
453Kb / 11P
Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12206 MOTOROLA-MC12206 Datasheet
148Kb / 12P
MECL PLL COMPONENTS Serial Input PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
ML12210 LANSDALE-ML12210_08 Datasheet
145Kb / 11P
Serial Input PLL Frequency Synthesizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com