Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML13135 Datasheet (PDF) - LANSDALE Semiconductor Inc.

ML13135 Datasheet PDF - LANSDALE Semiconductor Inc.
Part # ML13135
Download  ML13135 Download
File Size   771.98 Kbytes
Page   11 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description FM Communications Receiver; Dual Conversion Narrowband FM Receiver

ML13135 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML13135 Datasheet PDF - LANSDALE Semiconductor Inc.

Part # ML13135
Download  ML13135 Click to download

File Size   771.98 Kbytes
Page   11 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description FM Communications Receiver; Dual Conversion Narrowband FM Receiver

ML13135 Datasheet (HTML) - LANSDALE Semiconductor Inc.


ML13135 Product details

The ML13135 is the second generation of single chip, dual conversion FM communications receivers developed by Motorola. Major improvements in signal handling, RSSI and first oscillator operation have been made. In addition, recovered audio distortion and audio drive have improved. These receivers offer low noise, high gain and stability over a wide operating voltage range, and Lansdale is pleased to continue to offer them.
The ML13135 includes a Colpitts oscillator, VCO tuning diode, low noise first and second mixer and LO, high gain limiting IF, and RSSI. The ML13135 is designed for use with an LC quadrature detector and has an uncommitted op amp that can be used either for an RSSI buffer or as a data comparator.
This device can be used as a stand–alone VHF receiver or as the lower IF of a triple conversion system. Applications include cordless telephones, short range data links, walkie–talkies, low cost land mobile, amateur radio receivers, baby monitors and scanners.

OPERATING FEATURES
• Complete Dual Conversion FM Receiver – Antenna to Audio Output
• Input Frequency Range – 200 MHz
• Voltage Buffered RSSI with 70 dB of Usable Range
• Low Voltage Operation – 2.0 to 6.0 Vdc (2 Cell NiCad Supply)
• Low Current Drain – 3.5 mA Typ
• Low Impedance Audio Output < 25 Ω
• VHF Colpitts First LO for Crystal or VCO Operation
• Isolated Tuning Diode
• Buffered First LO Output to Drive CMOS PLL Synthesizer
• Operating Temperature Range TA = –40° to +85°C




Similar Part No. - ML13135

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135 Datasheet
504Kb / 11P
FM Communications Receiver
ML13135-6P LANSDALE-ML13135-6P Datasheet
504Kb / 11P
FM Communications Receiver
ML13135LP LANSDALE-ML13135LP Datasheet
504Kb / 11P
FM Communications Receiver
ML13135 LANSDALE-ML13135_08 Datasheet
504Kb / 11P
FM Communications Receiver
More results


Similar Description - ML13135

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA8509 SAMSUNG-KA8509 Datasheet
120Kb / 4P
FM RECEIVER
S1T8513A SAMSUNG-S1T8513A Datasheet
57Kb / 6P
FM IF RECEIVER
logo
Siemens Semiconductor G...
TBB469 SIEMENS-TBB469 Datasheet
119Kb / 7P
FM Receiver IC
logo
TEMIC Semiconductors
U4065B TEMIC-U4065B Datasheet
290Kb / 23P
FM Receiver
logo
Motorola, Inc
MC3367 MOTOROLA-MC3367 Datasheet
499Kb / 9P
LOW VOLTAGE FM NARROWBAND RECEIVER
MC3363 MOTOROLA-MC3363 Datasheet
339Kb / 10P
Low Power Dual Conversion FM Receiver
MC3335 MOTOROLA-MC3335 Datasheet
118Kb / 6P
Low Power Narrowband FM Receiver
MC3374 MOTOROLA-MC3374 Datasheet
244Kb / 8P
Low Voltage FM Narrowband Receiver
MC3362 MOTOROLA-MC3362 Datasheet
285Kb / 8P
LOW?밣OWER DUAL CONVERSION FM RECEIVER
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135_08 Datasheet
504Kb / 11P
FM Communications Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com