Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML13158 Datasheet (PDF) - LANSDALE Semiconductor Inc.

ML13158 Datasheet PDF - LANSDALE Semiconductor Inc.
Part # ML13158
Download  ML13158 Download
File Size   1008.08 Kbytes
Page   23 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description Wideband FM IF Subsystem For Dect and Digital Applications

ML13158 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML13158 Datasheet PDF - LANSDALE Semiconductor Inc.

Part # ML13158
Download  ML13158 Click to download

File Size   1008.08 Kbytes
Page   23 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description Wideband FM IF Subsystem For Dect and Digital Applications

ML13158 Datasheet (HTML) - LANSDALE Semiconductor Inc.


ML13158 Product details

The ML13158 is a wideband IF subsystem that is designed for high performance data and analog applications. The ML13158 has an on–board grounded collector VCO transistor that may be used with a fundamental or overtone crystal in single channel operation or with a PLL in multi–channel operation. The mixer is useful to 500 MHz and may be used in a balanced differential or a single ended configuration. The IF amplifier is split to accommodate two low cost cascaded filters. RSSI output is derived by summing the output of both IF sections. A precision data shaper has an Off function to shut the output off to save current. An enable control is provided to power down the IC for power management in battery operated applications.

Applications include DECT, wideband wireless data links for personal and portable laptop computers and other battery operated radio systems which utilize GFSK, FSK or FM modulation.

• Designed for DECT Applications
• 1.8 to 6.0 Vdc Operating Voltage
• Low Power Consumption in Active and Standby Mode
• Greater than 600 kHz Detector Bandwidth
• Data Slicer with Special Off Function
• Enable Function for Power Down of Battery Operated Systems
• RSSI Dynamic Range of 80 dB Minimum
• Low External Component Count
• Operating Temperature Range – TA = –40 to +85°C




Similar Part No. - ML13158

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13158-8P LANSDALE-ML13158-8P Datasheet
1Mb / 23P
Wideband FM IF Subsystem For Dect and Digital Applications
ML13158 LANSDALE-ML13158_08 Datasheet
1Mb / 23P
Wideband FM IF Subsystem For Dect and Digital Applications
More results


Similar Description - ML13158

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13158 MOTOROLA-MC13158 Datasheet
381Kb / 24P
WIDEBAND FM IF SUBSYSTEM FOR DECT AND DIGITAL APPLICATIONS
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
Wideband FM IF
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
Wideband FM IF
logo
NXP Semiconductors
AN1998 PHILIPS-AN1998_15 Datasheet
1Mb / 20P
An FM/IF system for DECT and other high-speed GFSK applications
Rev. 3-24 July 2014
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
Wideband IF Receiver Subsystem
REV. A
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
logo
Analog Devices
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
Wideband IF Receiver Subsystem
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
Wideband FM IF
ML13158 LANSDALE-ML13158_08 Datasheet
1Mb / 23P
Wideband FM IF Subsystem For Dect and Digital Applications
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
Wideband FM IF
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com