Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML14469 Datasheet (PDF) - LANSDALE Semiconductor Inc.

ML14469 Datasheet PDF - LANSDALE Semiconductor Inc.
Part # ML14469
Download  ML14469 Download
File Size   473.82 Kbytes
Page   10 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description Addressable Asynchronous Receiver/Transmitter

ML14469 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML14469 Datasheet PDF - LANSDALE Semiconductor Inc.

Part # ML14469
Download  ML14469 Click to download

File Size   473.82 Kbytes
Page   10 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description Addressable Asynchronous Receiver/Transmitter

ML14469 Datasheet (HTML) - LANSDALE Semiconductor Inc.


ML14469 Product details

The ML14469 receives one or two 11–bit words in a serial data stream. One of the incoming words contains the address and when the address matches, the ML14469 then transmits information in two 11–bit word data streams. Each of the transmitted words contains eight data bits, an even parity bit, and start and stop bits. The received word contains seven address bits with the address of the ML14469 set on seven pins. Therefore, 27 or 128 units can be interconnected in simplex or full–duplex data transmission. In addition to the address received, seven command bits may be received for general–purpose data or control use. The ML14469 finds application in transmitting data from remote analog–to–digital converters, remote MPUs, or remote digital trans ducers to the master computer or MPU.



• Supply Voltage Range: 4.5 V to 18 V

• Low Quiescent Current: 75 µA Maximum @ 5 V, 25°C

• Guaranteed Data Rates to 4800 Baud @ 5 V, to 9600 Baud @ 12 V

• Receive — Serial to Parallel

Transmit — Parallel to Parallel

• Transmit and Receive Simultaneously in Full Duplex

• Crystal or Resonator Operation for On–Chip Oscillator

• See Application Note AN806A

• Chip Complexity: 1200 FETs or 300 Equivalent Gates

• Operating Temperature Range TA = –40° to +85°C




Similar Part No. - ML14469

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML14469 LANSDALE-ML14469 Datasheet
243Kb / 10P
Addressable Asynchronous Receiver
ML14469-4P LANSDALE-ML14469-4P Datasheet
243Kb / 10P
Addressable Asynchronous Receiver
ML14469QP LANSDALE-ML14469QP Datasheet
243Kb / 10P
Addressable Asynchronous Receiver
ML14469 LANSDALE-ML14469_08 Datasheet
243Kb / 10P
Addressable Asynchronous Receiver
More results


Similar Description - ML14469

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68681 MOTOROLA-MC68681 Datasheet
964Kb / 35P
Dual Asynchronous Receiver/Transmitter
logo
NXP Semiconductors
SCC68681 PHILIPS-SCC68681 Datasheet
195Kb / 29P
Dual asynchronous receiver/transmitter
2004 Apr 06
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A16450 ALTERA-A16450 Datasheet
282Kb / 16P
Universal Asynchronous Receiver/Transmitter
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
Universal Asynchronous Receiver/Transmitter
logo
Motorola, Inc
MC14469 MOTOROLA-MC14469 Datasheet
119Kb / 12P
ADDRESSABLE ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
Texas Instruments
PC16550D TI1-PC16550D_15 Datasheet
482Kb / 33P
Universal Asynchronous Receiver/Transmitter
logo
LANSDALE Semiconductor ...
ML14469 LANSDALE-ML14469_08 Datasheet
243Kb / 10P
Addressable Asynchronous Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com