Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML145050 Datasheet (PDF) - LANSDALE Semiconductor Inc.

ML145050 Datasheet PDF - LANSDALE Semiconductor Inc.
Part # ML145050
Download  ML145050 Download
File Size   7063.5 Kbytes
Page   15 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description 10-Bit A/D Converter with Serial Interface - CMOS

ML145050 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML145050 Datasheet PDF - LANSDALE Semiconductor Inc.

Part # ML145050
Download  ML145050 Click to download

File Size   7063.5 Kbytes
Page   15 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description 10-Bit A/D Converter with Serial Interface - CMOS

ML145050 Datasheet (HTML) - LANSDALE Semiconductor Inc.


ML145050 Product details

Legacy Device: Motorola MC145050, MC145051



These ratio metric 10-bit ADCs have serial interface ports to provide communication with MCUs and MPUs. Either a 10- or 16-bit format can be used. The 16-bit format can be one continuous 16-bit stream or two intermittent 8-bit streams. The converters operate from a single power supply with no external trimming required. Reference voltages down to 4.0 V are accommodated.

The ML145050 has the same pin out as the 8-bit ML145040 which allows an external clock (ADCLK) to operate the dynamic A/D conversion sequence. The ML145051 has the same pin out as the 8-bit ML145041 which has an internal clock oscillator and an end-of-conversion (EOC) output.



• 11 Analog Input Channels with Internal Sample-and-Hold

• Operating Temperature Range: – 40 to 125°C

• Successive Approximation Conversion Time:

   ML145050 – 21 µs (with 2.1 MHz ADCLK)

   ML145051 – 44 µs Maximum

• Maximum Sample Rate:

   ML145050 – 38 ks/s

   ML145051 – 20.4 ks/s

• Analog Input Range with 5-Volt Supply: 0 to 5 V

• Monotonic with No Missing Codes

• Direct Interface to Motorola SPI and National MICROWIRE Serial Data Ports

• Digital Inputs/Outputs are TTL, NMOS, and CMOS Compatible

• Low Power Consumption: 14 mW

• Chip Complexity: 1630 Elements (FETs, Capacitors, etc.)

• See Application Note AN1062 for Operation with QSPI



 




Similar Part No. - ML145050

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145050 LANSDALE-ML145050 Datasheet
209Kb / 15P
10-Bit A/D Converter with Serial Interface
ML145050-6P LANSDALE-ML145050-6P Datasheet
209Kb / 15P
10-Bit A/D Converter with Serial Interface
ML145050RP LANSDALE-ML145050RP Datasheet
209Kb / 15P
10-Bit A/D Converter with Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
10-Bit A/D Converter with Serial Interface
More results


Similar Description - ML145050

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP68HC68A2 INTERSIL-CDP68HC68A2 Datasheet
87Kb / 14P
CMOS Serial 10-Bit A/D Converter
July 1998
logo
Microchip Technology
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
logo
Intersil Corporation
CDP68HC68A2 INTERSIL-CDP68HC68A2_02 Datasheet
655Kb / 15P
CMOS Serial 10-Bit A/D Converter
April 2002
logo
Microchip Technology
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053 Datasheet
805Kb / 15P
10-Bit A/D Converter With Serial Interface CMOS
logo
Texas Instruments
UCC5950D TI-UCC5950D Datasheet
171Kb / 5P
10-Bit Serial D/A Converter
logo
Motorola, Inc
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
10-Bit A/D Converter with Serial Interface
MC145053 MOTOROLA-MC145053 Datasheet
169Kb / 15P
10-Bit A/D Concerter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
10-Bit A/D Converter With Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
10-Bit A/D Converter with Serial Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com