Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOLDA-03MM_100LF Datasheet (PDF) - AG Electronica

SOLDA-03MM_100LF Datasheet PDF - AG Electronica
Part # SOLDA-03MM_100LF
Download  SOLDA-03MM_100LF Download
File Size   568.58 Kbytes
Page   3 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description ROLLO DE SOLDADURA Sn99.3/Cu0.7 0.3mm 100 GRAMOS

SOLDA-03MM_100LF Datasheet (PDF)

Go To PDF Page Download Datasheet
SOLDA-03MM_100LF Datasheet PDF - AG Electronica

Part # SOLDA-03MM_100LF
Download  SOLDA-03MM_100LF Click to download

File Size   568.58 Kbytes
Page   3 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description ROLLO DE SOLDADURA Sn99.3/Cu0.7 0.3mm 100 GRAMOS

SOLDA-03MM_100LF Datasheet (HTML) - AG Electronica


SOLDA-03MM_100LF Product details

DESCRIPCIÓN
Rollo de soldadura compuestos de estaño (99.3%) y cobre (0.7%), sin plomo. Perfecta para soldar equipos metálicos comunes, tubos de cobre y placas de cobre. El diámetro del alambre es de 0.3mm.




Similar Part No. - SOLDA-03MM_100LF

ManufacturerPart #DatasheetDescription
logo
AG Electronica
SOLDA-05MM_250LF AGELECTRONICA-SOLDA-05MM_250LF Datasheet
569Kb / 3P
ROLLO DE SOLDADURA Sn99.3/Cu0.7 0.5mm 250 GRAMOS
25/05/2023
More results


Similar Description - SOLDA-03MM_100LF

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BHC-ZL1M2QY EVERLIGHT-BHC-ZL1M2QY Datasheet
135Kb / 10P
Chip LED (0.3mm Height)
T1D-AQ2R2TY EVERLIGHT-T1D-AQ2R2TY Datasheet
153Kb / 12P
Chip LED (0.3mm Height)
19-218UWD EVERLIGHT-19-218UWD Datasheet
170Kb / 13P
Chip LED (0.3mm Height)
logo
List of Unclassifed Man...
FP-LA1C-10 ETC2-FP-LA1C-10 Datasheet
40Kb / 2P
MicroGripper - 1.25mm to 0.3mm Lead Pitch
CW8700 ETC2-CW8700 Datasheet
106Kb / 5P
FICHE DE DONN횋ES DE S횋CURIT횋
logo
Hammond Manufacturing L...
DNFK HAMMOND-DNFK Datasheet
55Kb / 1P
ENSEMBLES DE FRILLES DE VENTILATION
DSTOPK HAMMOND-DSTOPK Datasheet
44Kb / 1P
TROUSSE DE BUTEES DE PORTE
RR19TM HAMMOND-RR19TM Datasheet
64Kb / 2P
Gestionnaire de cables de toit
SHV HAMMOND-SHV Datasheet
100Kb / 2P
Generateur de chaleur de 100-400 W, avec panneau de commande
logo
Tripp Lite. All Rights ...
VR1208R TRIPPLITE-VR1208R Datasheet
153Kb / 2P
Regulador de Voltaje de 1200VA - Regulaci처n autom찼tica de voltaje con supresi처n de sobretensiones
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com