Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZC103260 Datasheet (PDF) - AG Electronica

ZC103260 Datasheet PDF - AG Electronica
Part # ZC103260
Download  ZC103260 Download
File Size   567.54 Kbytes
Page   3 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description ROLLO SOLDADURA 60/40 1MM/227GR MCA

ZC103260 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZC103260 Datasheet PDF - AG Electronica

Part # ZC103260
Download  ZC103260 Click to download

File Size   567.54 Kbytes
Page   3 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description ROLLO SOLDADURA 60/40 1MM/227GR MCA

ZC103260 Datasheet (HTML) - AG Electronica


ZC103260 Product details

DESCRIPCIÓN
La soldadura 60/40 con resina No Clean es ideal para la industria de la electrónica, cercana al eutéctico de temperatura media; para retoques, tanto en aplicaciones manuales como automáticas, para electrodomésticos y proceso de soldeo continuo.




Similar Part No. - ZC103260

ManufacturerPart #DatasheetDescription
logo
AG Electronica
ZC103259 AGELECTRONICA-ZC103259 Datasheet
568Kb / 3P
ROLLO SOLDADURA 60/40 0.8MM/227GR MCA OMEGA
29/06/2023
More results


Similar Description - ZC103260

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
DC0007357 ERNI-DC0007357 Datasheet
91Kb / 1P
0.8 DRC-Q. M 1mm, 40 polig 0.8 DRC-Q, M 1mm, 40 pin
logo
Wurth Elektronik GmbH &...
7488910157 WURTH-7488910157 Datasheet
306Kb / 4P
Chip-Antenna WE-MCA
7488910520 WURTH-7488910520 Datasheet
288Kb / 4P
Chip-Antenna WE-MCA
7488920245 WURTH-7488920245 Datasheet
328Kb / 4P
Chip-Antenna WE-MCA
7488930245 WURTH-7488930245 Datasheet
281Kb / 4P
Chip-Antenna WE-MCA
7488910043 WURTH-7488910043 Datasheet
349Kb / 4P
Chip-Antenna WE-MCA
Version 1 12-08-07
74889102450 WURTH-74889102450 Datasheet
546Kb / 7P
WE-MCA Multilayer Chip Antenna
001.001
7488918022 WURTH-7488918022 Datasheet
695Kb / 7P
WE-MCA Multilayer Chip Antenna
001.001
7488922455 WURTH-7488922455 Datasheet
620Kb / 8P
WE-MCA Multilayer Chip Antenna
002.000
74889502450 WURTH-74889502450 Datasheet
537Kb / 7P
WE-MCA Multilayer Chip Antenna
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com