Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML145106 Datasheet (PDF) - LANSDALE Semiconductor Inc.

ML145106 Datasheet PDF - LANSDALE Semiconductor Inc.
Part # ML145106
Download  ML145106 Download
File Size   389.29 Kbytes
Page   8 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description PLL Frequency Synthesizer CMOS

ML145106 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML145106 Datasheet PDF - LANSDALE Semiconductor Inc.

Part # ML145106
Download  ML145106 Click to download

File Size   389.29 Kbytes
Page   8 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description PLL Frequency Synthesizer CMOS

ML145106 Datasheet (HTML) - LANSDALE Semiconductor Inc.


ML145106 Product details

INTERFACES WITH DUAL–MODULUS PRESCALERS
Legacy Device: Motorola MC145106

The ML145106 is a phase–locked loop (PLL) frequency synthesizer constructed in CMOS on a single monolithic structure. This synthesizer finds applications in such areas as AM radio, shortwave, amateur radio, CB and FM transceivers. The device contains an oscillator/amplifier, a 210 or 211 divider chain for the oscillator signal, a programmable divider chain for the input signal, and a phase detector. The ML145106 has circuitry for a 10.24 MHz oscillator or may operate with an external signal. The circuit provides a 5.12 MHz output signal, which can be used for frequency tripling. A 29 programmable divider divides the input signal frequency for channel selection. The inputs to the programmable divider are standard ground–to–supply binary signals. Pull–down resistors on these inputs normally set these inputs to ground enabling these programmable inputs to be controlled from a mechanical switch or electronic circuitry.

• Single Power Supply
• Wide Supply Range: 4.5 to 12 V
• Provision for 10.24 MHz Crystal Oscillator
• 5.12 MHz Output
• Programmable Division Binary Input Selects up to 29
• On–Chip Pull–Down Resistors on Programmable Divider Inputs
• Selectable Reference Divider, 210 or 211 (Including ÷ 2)
• Three–State Phase Detector
• See Application Note AN535 and Article Reprint AR254
• Chip Complexity: 880 FETs or 220 Equivalent Gates




Similar Part No. - ML145106

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106 Datasheet
151Kb / 8P
PLL Frequency Synthesizer
ML145106-6P LANSDALE-ML145106-6P Datasheet
151Kb / 8P
PLL Frequency Synthesizer
ML145106VP LANSDALE-ML145106VP Datasheet
151Kb / 8P
PLL Frequency Synthesizer
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
PLL Frequency Synthesizer
More results


Similar Description - ML145106

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB87014A FUJITSU-MB87014A Datasheet
658Kb / 12P
CMOS PLL Frequency Synthesizer
MB87001A FUJITSU-MB87001A Datasheet
339Kb / 12P
CMOS PLL FREQUENCY SYNTHESIZER
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
PLL FREQUENCY SYNTHESIZER
logo
fujitsu semiconductor
MB87073 FUJITSU-MB87073 Datasheet
409Kb / 12P
CMOS PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
PLL Frequency Synthesizer with Serial Interface CMOS
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
PLL Frequency Synthesizer with Serial Interface CMOS
MC145106 MOTOROLA-MC145106 Datasheet
119Kb / 8P
PLL FREQUENCY SYNTHESIZER CMOS
logo
Analog Devices
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
PLL Frequency Synthesizer
REV. B
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com