Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML145404P Datasheet (PDF) - LANSDALE Semiconductor Inc.

ML145404P Datasheet PDF - LANSDALE Semiconductor Inc.
Part # ML145404P
Download  ML145404P Download
File Size   916.01 Kbytes
Page   8 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description Drivers/Receivers RS 232/EIA-232-E and CCITT V.28

ML145404P Datasheet (PDF)

Go To PDF Page Download Datasheet
ML145404P Datasheet PDF - LANSDALE Semiconductor Inc.

Part # ML145404P
Download  ML145404P Click to download

File Size   916.01 Kbytes
Page   8 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description Drivers/Receivers RS 232/EIA-232-E and CCITT V.28

ML145404P Datasheet (HTML) - LANSDALE Semiconductor Inc.


ML145404P Product details

These devices are silicon gate CMOS ICs that combine both the transmitter and receiver to fulfill the electrical specifications of EIA Standard 232–E and CCITT V.28. The drivers feature true TTL input compatibility, slew rate limiting outputs, 300 Ω power–off source impedance, and output typically switching to within 25% of the supply rails. The receivers can handle up to ± 25 V while presenting 3 to 7 kΩ impedance. Hysteresis in the receivers aid in the reception of noisy signals. By combining both drivers and receivers in a single CMOS chip, these devices provide efficient, low–power solutions for both EIA–232–E and V.28 applications.
These devices offer the following performance features:

• Operating Temperature Range TA = –40° to +85°C

Drivers
• ± 5 to ± 12 V Supply Range
• 300 Ω Power–Off Source Impedance
• Output Current Limiting
• TTL and CMOS Compatible Inputs
• Driver Slew Rate Range Limited to 30 V/µs Maximum

Receivers
• ± 25 V Input Range
• 3 to 7 kΩ Input Impedance
• 0.8 V of Hysteresis for Enhanced Noise Immunity
• TTL and CMOS Compatible Outputs




Similar Part No. - ML145404P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145404 LANSDALE-ML145404 Datasheet
259Kb / 8P
Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
More results


Similar Description - ML145404P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Integral Corp.
IN145403 INTEGRAL-IN145403 Datasheet
144Kb / 3P
DRIVERS/RECEIVERS RS-232-E
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
EIA-232-E / V.28 DRIVERS/RECEIVERS
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
logo
Texas Instruments
MAX232 TI-MAX232_07 Datasheet
562Kb / 16P
DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
MAX232 TI-MAX232_08 Datasheet
669Kb / 17P
DUAL EIA-232 DRIVERS/RECEIVERS
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403_08 Datasheet
259Kb / 8P
Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
ML145406 LANSDALE-ML145406_08 Datasheet
208Kb / 10P
Driver/Receiver EIA 232?밇 and CCITT V.28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com