Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP64203QFVBW-13 Datasheet (PDF) - Diodes Incorporated

AP64203QFVBW-13 Datasheet PDF - Diodes Incorporated
Part # AP64203QFVBW-13
Download  AP64203QFVBW-13 Download
File Size   1905.24 Kbytes
Page   25 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.8V TO 40V INPUT AUTOMOTIVE GRADE 2A LOW IQ SYNCHRONOUS BUCK CONVERTER

AP64203QFVBW-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP64203QFVBW-13 Datasheet PDF - Diodes Incorporated

Part # AP64203QFVBW-13
Download  AP64203QFVBW-13 Click to download

File Size   1905.24 Kbytes
Page   25 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.8V TO 40V INPUT AUTOMOTIVE GRADE 2A LOW IQ SYNCHRONOUS BUCK CONVERTER

AP64203QFVBW-13 Datasheet (HTML) - Diodes Incorporated


AP64203QFVBW-13 Product details

Features
• Qualified for Automotive Applications
• AEC-Q100 Qualified with the Following Results
▪ Device Temperature Grade 1: -40°C to +125°C TA
▪ Device HBM ESD Classification Level H1C
▪ Device CDM ESD Classification Level C3B
• VIN 3.8V to 40V
• 2A Continuous Output Current
• VOUT Adjustable from 0.8V to 36V
• Enhanced Efficiency Mode with Bias
• Adjustable Switching Frequency. 500kHz Default Frequency
• Startup with Pre-Biased Output
• External Soft-Start with Tracking – Sequential, Ratiometric, or
Absolute. Default Internal Soft-Start of 1.7ms
• Enable Pin with 5% Tolerance
• Soft Discharge
• ±5% Power Good Detection with Internal Pullup Resistor
• Overcurrent Protection (OCP) with Hiccup
• Thermal Protection
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• The AP64203Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.
https://www.diodes.com/quality/product-definitions/

Applications
• General-purpose point-of-load DC-DC power conversion
• Automotive infotainment
• Telecommunication systems
• Distributed power systems
• Home audio devices
• Consumer electronics
• Network systems
• FPGA, DSP, and ASIC supplies
• Green electronics




Similar Part No. - AP64203QFVBW-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP64200 DIODES-AP64200 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 2A LOW IQ SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 March 2021
AP64200Q DIODES-AP64200Q Datasheet
922Kb / 2P
40V, 600mA, Synchronous Buck Converter Delivers High Efficiency in Automotive Point of Load ( PoL ) Applications
AP64200Q DIODES-AP64200Q Datasheet
382Kb / 2P
40V, 1A and 2A, Synchronous Buck Converters Deliver High Efficiency for Automotive Point-of-Load Applications
AP64200Q DIODES-AP64200Q Datasheet
1Mb / 26P
AUTOMOTIVE-COMPLIANT, 40V, 2A SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 July 2021
AP64200QSP-13 DIODES-AP64200QSP-13 Datasheet
382Kb / 2P
40V, 1A and 2A, Synchronous Buck Converters Deliver High Efficiency for Automotive Point-of-Load Applications
More results


Similar Description - AP64203QFVBW-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP64100 DIODES-AP64100 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 March 2021
AP64200 DIODES-AP64200 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 2A LOW IQ SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 March 2021
AP64202 DIODES-AP64202 Datasheet
1Mb / 21P
3.8V TO 40V INPUT, 2A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 March 2021
AP64350 DIODES-AP64350 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE FREQUENCY
Rev. 4 - 2 August 2019
AP64500 DIODES-AP64500 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE FREQUENCY
Rev. 4 - 2 August 2019
AP64502 DIODES-AP64502 Datasheet
1Mb / 21P
3.8V TO 40V INPUT, 5A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 April 2021
AP66200 DIODES-AP66200 Datasheet
2Mb / 26P
3.8V TO 60V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
AP66200Q DIODES-AP66200Q Datasheet
2Mb / 25P
3.8V TO 60V INPUT AUTOMOTIVE GRADE, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
AP66300 DIODES-AP66300 Datasheet
2Mb / 25P
3.8V TO 60V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2022
AP66300Q DIODES-AP66300Q Datasheet
2Mb / 25P
3.8V TO 60V INPUT AUTOMOTIVE GRADE, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com