Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3046172 Datasheet (PDF) - PHOENIX CONTACT

3046172 Datasheet PDF - PHOENIX CONTACT
Part # 3046172
Download  3046172 Download
File Size   1351.58 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UT 4-MT-P/P TMR - Knife-disconnect terminal block

3046172 Datasheet (PDF)

Go To PDF Page Download Datasheet
3046172 Datasheet PDF - PHOENIX CONTACT

Part # 3046172
Download  3046172 Click to download

File Size   1351.58 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UT 4-MT-P/P TMR - Knife-disconnect terminal block

3046172 Datasheet (HTML) - PHOENIX CONTACT


3046172 Product details

Knife disconnect terminal block, with 180° rotated disconnect knife and test socket screws for
accommodating test plugs, connection method: screw connection, cross section: 0.14 mm2 - 6
mm2, AWG: 26 - 10, nominal current: 20 A, nominal voltage: 500 V, length: 57.8 mm, width: 6.2
mm, color: gray, mounting: NS 35/7,5, NS 35/15




Similar Part No. - 3046172

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3046171 PHOENIX-3046171 Datasheet
477Kb / 22P
Knife disconnect terminal block - UT 4-MT-P/P
3046173 PHOENIX-3046173 Datasheet
471Kb / 21P
Knife disconnect terminal block - UT 4-MT-P/P-EX
More results


Similar Description - 3046172

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3046146 PHOENIX-3046146 Datasheet
55Kb / 4P
Knife disconnect terminal block - UT 4-MTL-P/P
3046566 PHOENIX-3046566 Datasheet
174Kb / 17P
Knife disconnect terminal block - UT 2,5-MT P/P BU
3064014 PHOENIX-3064014 Datasheet
81Kb / 5P
Knife disconnect terminal block - UT 4-TWIN-MT P/P
3064056 PHOENIX-3064056 Datasheet
85Kb / 6P
Knife disconnect terminal block - UT 4-QUATTRO-MT P/P
3073021 PHOENIX-3073021 Datasheet
143Kb / 15P
Knife disconnect terminal block - UT 4-TWIN-MT P/P BU
3073063 PHOENIX-3073063 Datasheet
145Kb / 15P
Knife disconnect terminal block - UT 4-QUATTRO-MT P/P BU
3073270 PHOENIX-3073270 Datasheet
156Kb / 16P
Knife disconnect terminal block - UT 6-MT P/P BU
3046171 PHOENIX-3046171 Datasheet
477Kb / 22P
Knife disconnect terminal block - UT 4-MT-P/P
3046173 PHOENIX-3046173 Datasheet
471Kb / 21P
Knife disconnect terminal block - UT 4-MT-P/P-EX
3064072 PHOENIX-3064072 Datasheet
436Kb / 21P
Knife disconnect terminal block - UT 6-MT P/P
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com