Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3046799 Datasheet (PDF) - PHOENIX CONTACT

3046799 Datasheet PDF - PHOENIX CONTACT
Part # 3046799
Download  3046799 Download
File Size   211.08 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UT 4-TG OG - Feed-through terminal block

3046799 Datasheet (PDF)

Go To PDF Page Download Datasheet
3046799 Datasheet PDF - PHOENIX CONTACT

Part # 3046799
Download  3046799 Click to download

File Size   211.08 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UT 4-TG OG - Feed-through terminal block

3046799 Datasheet (HTML) - PHOENIX CONTACT


3046799 Product details

Feed-through terminal block, Current and voltage are determined by the plug used., nom.
voltage: 500 V, Thermal continuous current Ith: 20 A, connection method: Screw connection,
Rated cross section: 4 mm2, cross section: 0.14 mm2 - 6 mm2, mounting: NS 35/7,5, NS 35/15,
color: orange




Similar Part No. - 3046799

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3046702 PHOENIX-3046702 Datasheet
130Kb / 13P
Component terminal block - UTTB 2,5-LA 60 RD
3046703 PHOENIX-3046703 Datasheet
171Kb / 19P
Multi-level terminal block - UT 6-3L
3046715 PHOENIX-3046715 Datasheet
80Kb / 5P
Component terminal block - UTTB 2,5-LA 230
3046728 PHOENIX-3046728 Datasheet
228Kb / 21P
Component terminal block - UTTB 2,5-DIO/UL-UR
09/12/2020
3046731 PHOENIX-3046731 Datasheet
129Kb / 6P
UTTB 2,5-PE/N
More results


Similar Description - 3046799

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3046605 PHOENIX-3046605 Datasheet
152Kb / 18P
Feed-through terminal block - UT 4-TWIN-TG P/P
3073034 PHOENIX-3073034 Datasheet
153Kb / 18P
Feed-through terminal block - UT 4-TWIN-TG BU
3073047 PHOENIX-3073047 Datasheet
153Kb / 18P
Feed-through terminal block - UT 4-TWIN-TG P/P BU
3073076 PHOENIX-3073076 Datasheet
153Kb / 18P
Feed-through terminal block - UT 4-QUATTRO-TG BU
3073089 PHOENIX-3073089 Datasheet
153Kb / 18P
Feed-through terminal block - UT 4-QUATTRO-TG P/P BU
3073296 PHOENIX-3073296 Datasheet
150Kb / 17P
Feed-through terminal block - UT 4-TG-P/P BU
3045169 PHOENIX-3045169 Datasheet
498Kb / 24P
Feed-through terminal block - UT 6 OG
3046281 PHOENIX-3046281 Datasheet
434Kb / 15P
Feed-through terminal block - UT 10 OG
3044610 PHOENIX-3044610 Datasheet
444Kb / 21P
Feed-through terminal block - UT 4-CB OG
3047468 PHOENIX-3047468 Datasheet
415Kb / 15P
Feed-through terminal block - UT 16 OG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com