Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3074004 Datasheet (PDF) - PHOENIX CONTACT

3074004 Datasheet PDF - PHOENIX CONTACT
Part # 3074004
Download  3074004 Download
File Size   239.1 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UT 4-PE/HEDI - Lever-type disconnect terminal block

3074004 Datasheet (PDF)

Go To PDF Page Download Datasheet
3074004 Datasheet PDF - PHOENIX CONTACT

Part # 3074004
Download  3074004 Click to download

File Size   239.1 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UT 4-PE/HEDI - Lever-type disconnect terminal block

3074004 Datasheet (HTML) - PHOENIX CONTACT


3074004 Product details

Lever-type disconnect terminal block, nom. voltage: 500 V, nominal current: 20 A, connection
method: Screw connection, Rated cross section: 2.5 mm2, cross section: 0.14 mm2 - 6 mm2,
mounting: NS 35/7,5, NS 35/15, color: black/orange




Similar Part No. - 3074004

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3074059 PHOENIX-3074059 Datasheet
111Kb / 4P
Sealing plate - POT-UW 10
Jul 29, 2022
3074062 PHOENIX-3074062 Datasheet
111Kb / 4P
Sealing plate - POT-UW 16
Jul 29, 2022
3074075 PHOENIX-3074075 Datasheet
101Kb / 5P
UW 25
3074075 PHOENIX-3074075 Datasheet
117Kb / 5P
UW 25/S
3074088 PHOENIX-3074088 Datasheet
218Kb / 18P
Installation terminal block - UTI 35
09/12/2020
More results


Similar Description - 3074004

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3046144 PHOENIX-3046144 Datasheet
59Kb / 5P
Knife disconnect terminal block - UT 4-MTL
3046249 PHOENIX-3046249 Datasheet
87Kb / 6P
Lever-type disconnect terminal block - UT 4-HEDI
3046456 PHOENIX-3046456 Datasheet
82Kb / 6P
Lever-type disconnect terminal block - UT 4-HEDI BU
3206678 PHOENIX-3206678 Datasheet
86Kb / 6P
Lever-type disconnect terminal block - QTC 2,5-HEDI
3214324 PHOENIX-3214324 Datasheet
84Kb / 6P
Lever-type disconnect terminal block - UT 4-PE/L/HEDI
3214326 PHOENIX-3214326 Datasheet
86Kb / 7P
Lever-type disconnect terminal block - UT 4-L/HEDI
3035140 PHOENIX-3035140 Datasheet
455Kb / 16P
Lever-type disconnect terminal block - ST 4-HEDI
3046143 PHOENIX-3046143 Datasheet
454Kb / 20P
Disconnect terminal block - UT 4-TG-EX
3046252 PHOENIX-3046252 Datasheet
478Kb / 20P
Lever-type disconnect terminal block - UT 4-HEDI-P/P
3046595 PHOENIX-3046595 Datasheet
506Kb / 23P
Disconnect terminal block - UT 4-TWIN-TG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com