Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3209532 Datasheet (PDF) - PHOENIX CONTACT

3209532 Datasheet PDF - PHOENIX CONTACT
Part # 3209532
Download  3209532 Download
File Size   241.19 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTU 4-MT-P - Knife-disconnect terminal block

3209532 Datasheet (PDF)

Go To PDF Page Download Datasheet
3209532 Datasheet PDF - PHOENIX CONTACT

Part # 3209532
Download  3209532 Click to download

File Size   241.19 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTU 4-MT-P - Knife-disconnect terminal block

3209532 Datasheet (HTML) - PHOENIX CONTACT


3209532 Product details

Knife-disconnect terminal block, with test socket screws to accommodate 4 mm test plugs, nom.
voltage: 400 V, nominal current: 20 A, connection method: Push-in connection, Rated cross
section: 4 mm2, cross section: 0.2 mm2 - 6 mm2, connection method: Screw connection, Rated
cross section: 4 mm2, cross section: 0.2 mm2 - 6 mm2, mounting: NS 35/7,5, NS 35/15, color:
gray




Similar Part No. - 3209532

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3209530 PHOENIX-3209530 Datasheet
257Kb / 23P
Test disconnect terminal block - PTU 6-T-P
09/11/2020
3209531 PHOENIX-3209531 Datasheet
78Kb / 6P
Feed-through terminal block - PTUD 6
3209536 PHOENIX-3209536 Datasheet
120Kb / 6P
PIT 2,5-PE, Ground modular terminal block
3209537 PHOENIX-3209537 Datasheet
78Kb / 6P
Feed-through terminal block - PTUD 6-P
3209538 PHOENIX-3209538 Datasheet
241Kb / 8P
PTU 4-MT - Knife-disconnect terminal block
More results


Similar Description - 3209532

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3044640 PHOENIX-3044640 Datasheet
82Kb / 6P
Knife disconnect terminal block - UTTB 2,5-MT-P/P
3064014 PHOENIX-3064014 Datasheet
81Kb / 5P
Knife disconnect terminal block - UT 4-TWIN-MT P/P
3064056 PHOENIX-3064056 Datasheet
85Kb / 6P
Knife disconnect terminal block - UT 4-QUATTRO-MT P/P
3073021 PHOENIX-3073021 Datasheet
143Kb / 15P
Knife disconnect terminal block - UT 4-TWIN-MT P/P BU
3073063 PHOENIX-3073063 Datasheet
145Kb / 15P
Knife disconnect terminal block - UT 4-QUATTRO-MT P/P BU
3046171 PHOENIX-3046171 Datasheet
477Kb / 22P
Knife disconnect terminal block - UT 4-MT-P/P
3046173 PHOENIX-3046173 Datasheet
471Kb / 21P
Knife disconnect terminal block - UT 4-MT-P/P-EX
3076015 PHOENIX-3076015 Datasheet
547Kb / 21P
Knife disconnect terminal block - UTTB 4-MT P/P BU
3064072 PHOENIX-3064072 Datasheet
436Kb / 21P
Knife disconnect terminal block - UT 6-MT P/P
1088739 PHOENIX-1088739 Datasheet
254Kb / 24P
Knife disconnect terminal block - PTV 4-MT
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com