Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFPS37N50APBF Datasheet (PDF) - International Rectifier

IRFPS37N50APBF Datasheet PDF - International Rectifier
Part # IRFPS37N50APBF
Download  IRFPS37N50APBF Download
File Size   147.21 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.13廓 , ID = 36A )

IRFPS37N50APBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFPS37N50APBF Datasheet PDF - International Rectifier

Part # IRFPS37N50APBF
Download  IRFPS37N50APBF Click to download

File Size   147.21 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.13廓 , ID = 36A )

IRFPS37N50APBF Datasheet (HTML) - International Rectifier


IRFPS37N50APBF Product details

Benefits
● Low Gate Charge Qg results in Simple
   Drive Requirement
● Improved Gate, Avalanche and Dynamic
   dv/dt Ruggedness
● Fully Characterized Capacitance and
   Avalanche Voltage and Current
● Effective Coss Specified (See AN
   1001)

Applications
● Switch Mode Power Supply (SMPS)
● Uninterruptable Power Supply
● High Speed Power Switching
● Lead-Free




Similar Part No. - IRFPS37N50APBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFPS37N50APBF VISHAY-IRFPS37N50APBF Datasheet
156Kb / 8P
Power MOSFET
21-Jul-08
IRFPS37N50APBF VISHAY-IRFPS37N50APBF Datasheet
182Kb / 9P
Power MOSFET
07-Feb-11
IRFPS37N50APBF. VISHAY-IRFPS37N50APBF. Datasheet
182Kb / 9P
Power MOSFET
07-Feb-11
More results


Similar Description - IRFPS37N50APBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS37N50A IRF-IRFPS37N50A Datasheet
115Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.13ohm, Id=36A)
IRL3714 IRF-IRL3714 Datasheet
127Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A)
IRFP460APBF IRF-IRFP460APBF Datasheet
195Kb / 9P
SMPS MOSFET ( VDSS=500V , RDS(on)max=0.27廓 , ID=20A )
IRFP32N50KPBF IRF-IRFP32N50KPBF Datasheet
189Kb / 8P
HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.135廓 , ID = 32A )
IRLR3714PBF IRF-IRLR3714PBF Datasheet
227Kb / 11P
HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20m廓 , ID = 36A )
IRFP22N50APBF IRF-IRFP22N50APBF Datasheet
191Kb / 8P
HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.23廓 , ID = 22A )
IRFR420APBF IRF-IRFR420APBF Datasheet
225Kb / 10P
HEXFET Power MOSFET ( VDSS = 500V , RDS(on) max = 3.0廓 , ID = 3.3A )
IRFR420PBF IRF-IRFR420PBF Datasheet
857Kb / 10P
HEXFET POWER MOSFET ( VDSS = 500V , RDS(on) = 3.0廓 , ID = 2.4A )
IRFR12N25DPBF IRF-IRFR12N25DPBF Datasheet
230Kb / 11P
HEXFET Power MOSFET ( VDSS = 250V , RDS(on)max = 0.26廓 , ID = 14A )
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
295Kb / 12P
HEXFET Power MOSFET ( VDSS = 200V , RDS(on)max = 0.082廓 , ID = 31A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com