Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP81085 Datasheet (PDF) - ON Semiconductor

NCP81085 Datasheet PDF - ON Semiconductor
Part # NCP81085
Download  NCP81085 Download
File Size   232.0 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual MOSFET Gate Driver, High Performance

NCP81085 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP81085 Datasheet PDF - ON Semiconductor

Part # NCP81085
Download  NCP81085 Click to download

File Size   232.0 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual MOSFET Gate Driver, High Performance

NCP81085 Datasheet (HTML) - ON Semiconductor


NCP81085 Product details

Features
• Drives Two N-Channel MOSFETs in High-Side and Low-Side
Configuration
• Floating Top Driver Accommodates Boost Voltage up to 180 V
• Switching Frequency up to 1 MHz
• 20 ns Propagation Delay Times
• 4 A Sink, 4 A Source Output Currents
• 8 ns Rise / 7 ns Fall Times with 1000 pF Load
• UVLO Protection
• Specified from −40°C to 140°C
• Offered in WDFN9 (MT) Package
• This Device is Pb−Free, Halogen Free/BFR Free and is RoHS
Compliant
Applications
• Telecom and Datacom
• Isolated Non−Isolated Power Supply Architectures
• Class D Audio Amplifiers
• Two Switch and Active Clamp Forward Converters




Similar Part No. - NCP81085

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81080 ONSEMI-NCP81080 Datasheet
146Kb / 12P
High Performance Dual MOSFET Gate Driver
October, 2017 ??Rev. 1
NCP81080DR2G ONSEMI-NCP81080DR2G Datasheet
146Kb / 12P
High Performance Dual MOSFET Gate Driver
October, 2017 ??Rev. 1
NCP81080MNTBG ONSEMI-NCP81080MNTBG Datasheet
146Kb / 12P
High Performance Dual MOSFET Gate Driver
October, 2017 ??Rev. 1
NCP81081 ONSEMI-NCP81081 Datasheet
116Kb / 7P
Integrated Driver and MOSFET
March, 2012 ??Rev. 1
NCP81081MNR2G ONSEMI-NCP81081MNR2G Datasheet
116Kb / 7P
Integrated Driver and MOSFET
March, 2012 ??Rev. 1
More results


Similar Description - NCP81085

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EPA030B EXCELICS-EPA030B Datasheet
46Kb / 2P
High Performance Heterojunction Dual-Gate FET
EPA030D EXCELICS-EPA030D Datasheet
97Kb / 2P
High Performance Heterojunction Dual-Gate FET
logo
Sensitron
SPM4007010 SENSITRON-SPM4007010 Datasheet
63Kb / 5P
Dual MOSFET BRIDGE, With Gate Driver
SPM4012006 SENSITRON-SPM4012006 Datasheet
63Kb / 5P
Dual MOSFET BRIDGE, With Gate Driver
logo
International Rectifier
IR3537 IRF-IR3537 Datasheet
689Kb / 15P
12V High Performance Gate Driver
logo
ON Semiconductor
NCP81075 ONSEMI-NCP81075 Datasheet
124Kb / 13P
High Performance Dual MOSFET Gate Driver
October, 2017 ??Rev. 1
NCP81080 ONSEMI-NCP81080 Datasheet
146Kb / 12P
High Performance Dual MOSFET Gate Driver
October, 2017 ??Rev. 1
logo
Analog Devices
LTC7067 AD-LTC7067 Datasheet
617Kb / 14P
150V Dual High-Side MOSFET Gate Driver
logo
ON Semiconductor
NCD57252 ONSEMI-NCD57252 Datasheet
839Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
November, 2022 - Rev. 4
NCD57252 ONSEMI-NCD57252_V01 Datasheet
843Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
June, 2023 - Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com