Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD2IVN-UX Datasheet (PDF) - TECH PUBLIC Electronics co LTD

PESD2IVN-UX Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # PESD2IVN-UX
Download  PESD2IVN-UX Download
File Size   1177.47 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Can bus ESD Protection Diode

PESD2IVN-UX Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD2IVN-UX Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # PESD2IVN-UX
Download  PESD2IVN-UX Click to download

File Size   1177.47 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Can bus ESD Protection Diode

PESD2IVN-UX Datasheet (HTML) - TECH PUBLIC Electronics co LTD


PESD2IVN-UX Product details

Features
+ Ultra low leakage: nA level
« Operating voltage: 24V/
« Low clamping voltage
« Complies with following standards:
— IEC 61000-4-2 (ESD) immunity test
Air discharge: +30kV
Contact discharge: +30kV
— IEC61000-4-4 (EFT) 40A (5/50ns)
—~IEC61000-4-5 (Lightning) 4A (8/20ps)
+ RoHS Compliant




Similar Part No. - PESD2IVN-UX

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD2IVN-U NEXPERIA-PESD2IVN-U Datasheet
697Kb / 13P
In-vehicle network ESD protection diode
More results


Similar Description - PESD2IVN-UX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD2CAN PHILIPS-PESD2CAN Datasheet
157Kb / 13P
CAN bus ESD protection diode
Rev. 2-27 September 2012
logo
Diodes Incorporated
DESD1CAN2SOQ DIODES-DESD1CAN2SOQ Datasheet
279Kb / 5P
CAN BUS ESD PROTECTION DIODE
Rev 1
DESD2CAN2SOQ DIODES-DESD2CAN2SOQ Datasheet
440Kb / 4P
CAN BUS ESD PROTECTION DIODE
Rev 1
logo
Protek Devices
PESD2402 PROTEC-PESD2402 Datasheet
356Kb / 6P
CAN BUS ESD PROTECTION DIODE
logo
TECH PUBLIC Electronics...
TPESD1CAN TECHPUBLIC-TPESD1CAN Datasheet
1Mb / 4P
Can bus Esd Protection Diode
PESD1CAN TECHPUBLIC-PESD1CAN Datasheet
1Mb / 4P
CAN bus ESD protection diode
ESDCAN05-2BWY TECHPUBLIC-ESDCAN05-2BWY Datasheet
1Mb / 4P
Can bus ESD Protection Diode
ESDCAN06-2BWY TECHPUBLIC-ESDCAN06-2BWY Datasheet
1Mb / 4P
Can bus ESD Protection Diode
logo
Nexperia B.V. All right...
PESD1CAN NEXPERIA-PESD1CAN Datasheet
607Kb / 12P
CAN bus ESD protection diode
Rev. 04 - 15 February 2008
logo
TECH PUBLIC Electronics...
ESDONCAN1LT1G TECHPUBLIC-ESDONCAN1LT1G Datasheet
980Kb / 4P
Can bus Esd Protection Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com