Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPESD01N4P Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPESD01N4P Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPESD01N4P
Download  TPESD01N4P Download
File Size   2669.92 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 4-Lines Bi-directional Channels ESD protection

TPESD01N4P Datasheet (PDF)

Go To PDF Page Download Datasheet
TPESD01N4P Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPESD01N4P
Download  TPESD01N4P Click to download

File Size   2669.92 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 4-Lines Bi-directional Channels ESD protection

TPESD01N4P Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPESD01N4P Product details

Features
4 Bidirectional Channels ESD protection
« Typically Used at High Speed Ports
o Low operating voltage: 1.5V
o Low Channel Input Capacitance of 0.13pF
Typical for 1/0s (Typ)
o —IEC 61000-4-2 (ESD) immunity test
Air discharge: +15kV/
Contact discharge: +12kV
—IEC61000-4-4 (EFT) 40A (5/50ns)
o Totally Lead-Free & Fully RoHS Compliant
« Halogen and Antimony Free. “Green” Device




Similar Part No. - TPESD01N4P

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESD0121BLZ TECHPUBLIC-TPESD0121BLZ Datasheet
1Mb / 4P
Low Capacitance Bi-directional ESD DIODE
TPESD0121LZ TECHPUBLIC-TPESD0121LZ Datasheet
1Mb / 4P
Low Capacitance Bi-directional ESD DIODE
TPESD01521LP TECHPUBLIC-TPESD01521LP Datasheet
1Mb / 4P
Low Capacitance Bi-directional ESD DIODE
TPESD01521LZ TECHPUBLIC-TPESD01521LZ Datasheet
1Mb / 4P
Low Capacitance Bi-directional ESD DIODE
More results


Similar Description - TPESD01N4P

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05CTM PANJIT-PJSD05CTM Datasheet
119Kb / 3P
BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Taiwan Semiconductor Co...
TESDC5V0 TSC-TESDC5V0 Datasheet
258Kb / 3P
Bi-directional ESD Protection Diode
TESDC24V TSC-TESDC24V Datasheet
190Kb / 3P
Bi-directional ESD Protection Diode
TESDU5V0 TSC-TESDU5V0_11 Datasheet
227Kb / 4P
Bi-directional ESD Protection Diode
TESDQ5V0 TSC-TESDQ5V0_11 Datasheet
183Kb / 3P
Bi-directional ESD Protection Diode
logo
Pan Jit International I...
PJSD12LCFN2 PANJIT-PJSD12LCFN2 Datasheet
268Kb / 5P
BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Taiwan Semiconductor Co...
TESDD5V0 TSC-TESDD5V0_15 Datasheet
193Kb / 4P
Bi-directional ESD Protection Diode
TESDE5V0 TSC-TESDE5V0_15 Datasheet
196Kb / 5P
Bi-directional ESD Protection Diode
logo
SeCoS Halbleitertechnol...
SD24C SECOS-SD24C Datasheet
328Kb / 3P
ESD Protection (Bi-Directional)
logo
Guangdong Youtai Semico...
PESDXXXL2UM UMW-PESDXXXL2UM Datasheet
331Kb / 5P
Uni-directional ESD protection of two lines or bi-directional ESD protection of one line
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com