Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3400L Datasheet (PDF) - Goford Semiconductor

3400L Datasheet PDF - Goford Semiconductor
Part # 3400L
Download  3400L Download
File Size   1623.24 Kbytes
Page   6 Pages
Manufacturer  GOFORD [Goford Semiconductor]
Direct Link  http://www.goford.cn/en/index.html
Logo GOFORD - Goford Semiconductor
Description PWM applications

3400L Datasheet (PDF)

Go To PDF Page Download Datasheet
3400L Datasheet PDF - Goford Semiconductor

Part # 3400L
Download  3400L Click to download

File Size   1623.24 Kbytes
Page   6 Pages
Manufacturer  GOFORD [Goford Semiconductor]
Direct Link  http://www.goford.cn/en/index.html
Logo GOFORD - Goford Semiconductor
Description PWM applications

3400L Datasheet (HTML) - Goford Semiconductor


3400L Product details

Description
The 3400L uses advanced trench technology to provide
excellent RDS(ON) , low gate charge and operation with gate voltages as low as 2.5V.
This device is suitable for use as a Battery protection or in other Switching application.

Application
PWM applications
Load switch
Power management




Similar Part No. - 3400L

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
3400L LUGUANG-3400L Datasheet
1Mb / 6P
The 3400L uses advanced trench technology to provide excellent RDS(ON)
More results


Similar Description - 3400L

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2301B SILIKRON-SSF2301B Datasheet
289Kb / 5P
PWM applications
SSF2301C SILIKRON-SSF2301C Datasheet
288Kb / 5P
PWM applications
SSF2307 SILIKRON-SSF2307 Datasheet
287Kb / 5P
PWM applications
SSF2369 SILIKRON-SSF2369 Datasheet
293Kb / 5P
PWM applications
SSF3610 SILIKRON-SSF3610 Datasheet
404Kb / 7P
PWM applications
SSF3612 SILIKRON-SSF3612 Datasheet
441Kb / 7P
PWM applications
SSF4414 SILIKRON-SSF4414 Datasheet
399Kb / 5P
PWM applications
SSF6401 SILIKRON-SSF6401 Datasheet
397Kb / 7P
PWM applications
SSF3324 SILIKRON-SSF3324 Datasheet
242Kb / 5P
PWM applications
SSF3420 SILIKRON-SSF3420 Datasheet
367Kb / 7P
PWM applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com