Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3069307 Datasheet (PDF) - PHOENIX CONTACT

3069307 Datasheet PDF - PHOENIX CONTACT
Part # 3069307
Download  3069307 Download
File Size   364.54 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FWP 121 - Power plug

3069307 Datasheet (PDF)

Go To PDF Page Download Datasheet
3069307 Datasheet PDF - PHOENIX CONTACT

Part # 3069307
Download  3069307 Click to download

File Size   364.54 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FWP 121 - Power plug

3069307 Datasheet (HTML) - PHOENIX CONTACT


3069307 Product details

Power plug, nom. voltage: 400 V, nominal current: 24 A, number of positions: 13, Rated cross
section: 6 mm2, color: gray




Similar Part No. - 3069307

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3069308 PHOENIX-3069308 Datasheet
691Kb / 13P
FIP 41 - Interruption plug
3069309 PHOENIX-3069309 Datasheet
691Kb / 13P
FIP 61 - Interruption plug
More results


Similar Description - 3069307

ManufacturerPart #DatasheetDescription
logo
CUI INC
EPSA050250U CUI-EPSA050250U Datasheet
230Kb / 4P
12 W WALL PLUG - SWITCHING POWER SUPPLY
logo
Cooper Bussmann, Inc.
FWP-5A14F COOPER-FWP-5A14F Datasheet
42Kb / 1P
FWP 660V/700V (IEC/U.L.)
FWP-20A14FI COOPER-FWP-20A14FI Datasheet
42Kb / 1P
FWP 660V/700V (IEC/U.L.)
FWP-20A22F COOPER-FWP-20A22F Datasheet
40Kb / 1P
FWP 660V/700V (IEC/U.L.)
FWP-100A COOPER-FWP-100A Datasheet
50Kb / 2P
FWP 700V 5-1200A
FWP-300 COOPER-FWP-300 Datasheet
50Kb / 2P
FWP 700V 5-1200A
FWP-1A14F COOPER-FWP-1A14F Datasheet
42Kb / 1P
FWP 660V/700V (IEC/U.L.)
logo
Schneider Electric
RSB1A120JDS SCHNEIDER-RSB1A120JDS Datasheet
150Kb / 6P
Harmony, Interface plug-in relay with socket, 12 A, 1 CO, 12 V DC
Aug 9, 2021
RSB1A120JD SCHNEIDER-RSB1A120JD Datasheet
144Kb / 6P
Harmony, Interface plug-in relay, 12 A, 1 CO, 12 V DC
Aug 11, 2021
RPM11JD SCHNEIDER-RPM11JD Datasheet
118Kb / 5P
power plug-in relay - Zelio RPM - 1 C/O - 12 V DC - 15 A
Aug 10, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com