Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPV324TS14 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPV324TS14 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPV324TS14
Download  TPV324TS14 Download
File Size   3610.77 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1MHz, Low Power, CMOS, Rail toRail Operational Amplifier

TPV324TS14 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPV324TS14 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPV324TS14
Download  TPV324TS14 Click to download

File Size   3610.77 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1MHz, Low Power, CMOS, Rail toRail Operational Amplifier

TPV324TS14 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPV324TS14 Product details

Features

« General Purpose, Low Cost

' Gain Bandwidth Product: 1MHz

« Low Input Bias Current: 10pA (Typ.)

o Low Offset Voltage: 5mV (Max.)

o Quiescent Current: 504A per Amplifier (Typ.)
« Unity Gain Stable

o Rail-to-Rail Input and Output

« Supply Voltage Range: 2.1V to 5.5V

o Operating Temperature: -40°C ~ +125°C
o Type Package: TSSOP-14
Applications

» Temperature Sensors
Battery-Powered Instruments

' Smoke/Gas/Environment Sensors

« Medical Equipment

» Portable Instruments and Mobile Device
Active Filters

Piezo Electrical Transducer Amplifier
Sensor Interface

o Handheld Test Equipment




Similar Part No. - TPV324TS14

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPV321L TECHPUBLIC-TPV321L Datasheet
5Mb / 10P
General Purpose, 1MHz, Micro-Power CMOS Op-Amps
TPV321LC5 TECHPUBLIC-TPV321LC5 Datasheet
5Mb / 10P
General Purpose, 1MHz, Micro-Power CMOS Op-Amps
TPV321LS5 TECHPUBLIC-TPV321LS5 Datasheet
5Mb / 10P
General Purpose, 1MHz, Micro-Power CMOS Op-Amps
TPV321S5 TECHPUBLIC-TPV321S5 Datasheet
4Mb / 8P
1MHZ CMOS Rail-to-Rail IO Opamp With RF Filter
More results


Similar Description - TPV324TS14

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5721 E-CMOS-EC5721 Datasheet
851Kb / 13P
1MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
EC5724 E-CMOS-EC5724 Datasheet
863Kb / 12P
1MHz, Low Power, CMOS, Rail-to-Rail Quad Operational Amplifier
EC5741 E-CMOS-EC5741 Datasheet
858Kb / 15P
Super Low Power, CMOS, Rail-to-Rail Operational Amplifier
EC5758 E-CMOS-EC5758 Datasheet
812Kb / 12P
1MHz, Low Power, CMOS, EMI Hardened, Rail-to-Rail Dual Operational Amplifier
EC5759 E-CMOS-EC5759 Datasheet
809Kb / 12P
1MHz, Low Power, CMOS, Rail-to-Rail Dual Operational Amplifier
EC5821 E-CMOS-EC5821 Datasheet
343Kb / 11P
10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
ECV321 E-CMOS-ECV321 Datasheet
490Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
ECV358 E-CMOS-ECV358 Datasheet
798Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Dual Operational Amplifier
logo
TECH PUBLIC Electronics...
TPMCP6022T-ISN TECHPUBLIC-TPMCP6022T-ISN Datasheet
3Mb / 5P
10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
2021.6.15
TPNCS20082DMR2G TECHPUBLIC-TPNCS20082DMR2G Datasheet
3Mb / 13P
1MHz,Low Power,1.8V,CMOS, Rail toRail Dual Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com