Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11670 Datasheet (PDF) - Atom Lighting

11670 Datasheet PDF - Atom Lighting
Part # 11670
Download  11670 Download
File Size   170.64 Kbytes
Page   3 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description AT9029 TRI

11670 Datasheet (PDF)

Go To PDF Page Download Datasheet
11670 Datasheet PDF - Atom Lighting

Part # 11670
Download  11670 Click to download

File Size   170.64 Kbytes
Page   3 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description AT9029 TRI

11670 Datasheet (HTML) - Atom Lighting


11670 Product details

Description
10W LED COB Downlight w/Dimm Driver - 50Deg beam - 70mm cut-out - White - TRI CCT




Similar Part No. - 11670

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1167 POMONA-1167 Datasheet
61Kb / 1P
Two Conductor Shielded Balanced line Patch Cable
logo
Heyco.
1167 HEYCO-1167 Datasheet
121Kb / 1P
Original Strain Relief Bushings
logo
Adafruit Industries
1167 ADAFRUIT-1167 Datasheet
410Kb / 2P
Knit Conductive Fabric - Silver 20cm square
10-29-18
logo
CEE Norm UK Ltd
1167 CEENORM-1167 Datasheet
1Mb / 4P
Socket Outlets
logo
PHOENIX CONTACT
1167192 PHOENIX-1167192 Datasheet
576Kb / 10P
Bus coupler - AXL F BK EIP XC
12/24/2021
More results


Similar Description - 11670

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT116-OG MARKTECH-MT116-OG Datasheet
34Kb / 1P
TRI-STATE LAMPS
MT205-HRG MARKTECH-MT205-HRG Datasheet
49Kb / 1P
TRI-STATE LAMPS?
logo
Siemens Semiconductor G...
PSB6520 SIEMENS-PSB6520 Datasheet
424Kb / 15P
Tone Ringer (TRI)
logo
New Japan Radio
NJU6342 NJRC-NJU6342 Datasheet
308Kb / 4P
TRI-STATE BUFFER
logo
Pomona Electronics
5955 POMONA-5955 Datasheet
17Kb / 1P
Tri-Fold Pouch
logo
Winchester Electronics ...
SD7705-1 WINCHESTER-SD7705-1 Datasheet
69Kb / 1P
PLUG, TRI-LOC
SD7705-3 WINCHESTER-SD7705-3 Datasheet
67Kb / 1P
PLUG, TRI-LOC
SD7705-9 WINCHESTER-SD7705-9 Datasheet
66Kb / 1P
PLUG, TRI-LOC
logo
Abracon Corporation
ASE2SERIES ABRACON-ASE2SERIES Datasheet
1Mb / 3P
Tri state function
08.06.14
logo
Alliance Semiconductor ...
AS7C38096B ALSC-AS7C38096B Datasheet
724Kb / 11P
tri-static output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com