Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12415 Datasheet (PDF) - Atom Lighting

12415 Datasheet PDF - Atom Lighting
Part # 12415
Download  12415 Download
File Size   391.75 Kbytes
Page   3 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description Maximus

12415 Datasheet (PDF)

Go To PDF Page Download Datasheet
12415 Datasheet PDF - Atom Lighting

Part # 12415
Download  12415 Click to download

File Size   391.75 Kbytes
Page   3 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description Maximus

12415 Datasheet (HTML) - Atom Lighting


12415 Product details

Description
8W Low-Glare LED Downlight - 90mm - TRI-CCT - White




Similar Part No. - 12415

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12415 ETC2-12415 Datasheet
203Kb / 1P
Precision Machined Metric Punches
logo
Norgren Ltd
12415 NORGREN-12415 Datasheet
243Kb / 11P
Pneufit Push-in Tube Fittings Inch 1⁄8" – 1⁄2" O/D tube
01/97
logo
Weidmuller
1241500000 WEIDMULLER-1241500000 Datasheet
149Kb / 3P
SFP Transceiver, 100 Mbps, Singlemode, LC-Duplex
1241510000 WEIDMULLER-1241510000 Datasheet
149Kb / 3P
SFP Transceiver, 100 Mbps, Singlemode, LC-Duplex,
1241520000 WEIDMULLER-1241520000 Datasheet
148Kb / 3P
SFP Transceiver, 100 Mbps, Singlemode, LC-Duplex
More results


Similar Description - 12415

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1526 INTERSIL-EL1526 Datasheet
104Kb / 2P
Dual Channel Differential DSL Line Driver for Centillium Maximus CO Chipsets
May 13, 2004
EL1526 INTERSIL-EL1526_05 Datasheet
42Kb / 2P
Dual Channel Differential DSL Line Driver for Centillium Maximus CO Chipsets
February 11, 2005
logo
Pulse A Technitrol Comp...
BX2565L PULSE-BX2565L Datasheet
49Kb / 1P
ADSL LINE TRANSFORMER For Use with Centillium Maximus Chipset
logo
List of Unclassifed Man...
FXUB66 ETC2-FXUB66 Datasheet
2Mb / 14P
Maximus Flexible Ultra Wide Band Antenna 700-6000MHz
FXUB66010150C ETC2-FXUB66010150C Datasheet
2Mb / 15P
Maximus Flexible Ultra Wide-Band Antenna 700-6000MHz
logo
Taoglas antenna solutio...
FXUB66070150C TAOGLAS-FXUB66070150C Datasheet
1Mb / 13P
Maximus Flexible Ultra Wide Band Antenna 700-6000MHz
FXUB66.07.0150C TAOGLAS-FXUB66.07.0150C_17 Datasheet
1Mb / 13P
Maximus Flexible Ultra Wide Band Antenna 700-6000MHz
FXUB66.01.0150C TAOGLAS-FXUB66.01.0150C_17 Datasheet
1Mb / 16P
Maximus Flexible Ultra Wide Band Antenna 700-6000MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com