Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16091 Datasheet (PDF) - Atom Lighting

16091 Datasheet PDF - Atom Lighting
Part # 16091
Download  16091 Download
File Size   209.37 Kbytes
Page   3 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description AT9014 (24VDC)

16091 Datasheet (PDF)

Go To PDF Page Download Datasheet
16091 Datasheet PDF - Atom Lighting

Part # 16091
Download  16091 Click to download

File Size   209.37 Kbytes
Page   3 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description AT9014 (24VDC)

16091 Datasheet (HTML) - Atom Lighting


16091 Product details

Description
4w 24 Volt DC Constant Voltage Mini Adjustable LED Downlight-WHT-Warm White




Similar Part No. - 16091

ManufacturerPart #DatasheetDescription
logo
Heyco.
16091 HEYCO-16091 Datasheet
150Kb / 2P
Hook and Loop – Ties
logo
Atom Lighting
16091 ATOM-16091 Datasheet
218Kb / 2P
AT9011 (24VDC)
23rd of January 2025 01:14:40
16091 ATOM-16091 Datasheet
230Kb / 2P
AT9011 (24VDC)
22nd of January 2025 20:22:24
16091 ATOM-16091 Datasheet
209Kb / 3P
AT9014 (24VDC)
23rd of January 2025 01:14:45
logo
Evolt
16091 EKTOR-16091 Datasheet
295Kb / 1P
24V CONSTANT VOLTAGE IP67
31st of January 2025 07:11:43
More results


Similar Description - 16091

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N411062 E-SWITCH-N411062 Datasheet
34Kb / 1P
Contact Ratings:25mA, 24VDC.
N411070 E-SWITCH-N411070 Datasheet
57Kb / 1P
Contact Ratings:25mA, 24VDC.
N411092 E-SWITCH-N411092 Datasheet
36Kb / 1P
Contact Ratings:25mA, 24VDC.
N411111 E-SWITCH-N411111 Datasheet
66Kb / 1P
Contact Ratings:25mA, 24VDC.
N411120 E-SWITCH-N411120 Datasheet
66Kb / 1P
Contact Ratings:25mA, 24VDC.
N411122 E-SWITCH-N411122 Datasheet
38Kb / 1P
Contact Ratings:25mA, 24VDC.
N411225 E-SWITCH-N411225 Datasheet
156Kb / 1P
CONTACT RATING: 25mA, 24VDC
N411244 E-SWITCH-N411244 Datasheet
33Kb / 1P
Contact Ratings:25mA, 24VDC.
N800303 E-SWITCH-N800303 Datasheet
115Kb / 1P
Contact Ratings:25mA, 24VDC.
logo
Weidmuller
1254880000 WEIDMULLER-1254880000 Datasheet
1,023Kb / 5P
TERMOPTO TOP 24VDC/24VDC 4A
03.04.2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com