Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8F27E64J Datasheet (PDF) - SONiX Technology Company

8F27E64J Datasheet PDF - SONiX Technology Company
Part # 8F27E64J
Download  8F27E64J Download
File Size   2956.79 Kbytes
Page   192 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8-Bit Flash Micro-Controller with Embedded ICE and ISP

8F27E64J Datasheet (PDF)

Go To PDF Page Download Datasheet
8F27E64J Datasheet PDF - SONiX Technology Company

Part # 8F27E64J
Download  8F27E64J Click to download

File Size   2956.79 Kbytes
Page   192 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8-Bit Flash Micro-Controller with Embedded ICE and ISP

8F27E64J Datasheet (HTML) - SONiX Technology Company


8F27E64J Product details

1.1 FEATURES
 Memory configuration  Four 8-bit timer. (T0, TC0, TC1, TC2).
Flash ROM size: 6K x 16 bits. Including EEROM T0: Basic timer.
emulation. (In system programming) TC0: Timer/counter/PWM0.
RAM size: 512 x 8 bits. TC1: Timer/counter/PWM1.
 8 levels stack buffer. TC2: Timer/counter/PWM2
 13 interrupt sources  3 channel duty/cycle programmable PWM to
11 internal interrupts: T0, TC0, TC1, TC2, T1, ADC, Generate PWM, Buzzer and IR carrier signals.
SIO, MSP, UTX(UART TX), URX(UART RX), WAKE (PWM0~2).
2 external interrupts: INT0, INT1  One 16-bit timer (T1) with capture timer function.
 Multi-interrupt vector structure.  12-channel 10-bit SAR ADC.
Each of interrupt sources has a unique interrupt vector.  Serial Interface: SIO, UART, MSP
 Build in Embedded ICE function.
 I/O pin configuration  Four system clocks
Bi-directional: P0, P1, P4, P5. External high clock: RC type up to 10MHz
Wakeup: P0, P1 level change. External high clock: Crystal type up to 16MHz
Pull-up resisters: P0, P1, P4, P5. Internal high clock: RC type 16MHz
External interrupt: P0.0, P0.1 Internal low clock: RC type 16KHz
ADC input pin: AIN0~AIN11.  Four operating modes
Normal mode: Both high and low clock active
 Fcpu (Instruction cycle) Slow mode: Low clock only
Fcpu = Fhosc/1, Fhosc/2, Fhosc/4, Fhosc/8, Fhosc/16, Sleep mode: Both high and low clock stop
Fhosc/32, Fhosc/64, Fhosc/128 Green mode: Periodical wakeup by timer
 On chip watchdog timer and clock source  Package (Chip form support)
 1.8V/2.4V/3.3V 3-level LVD with trim. PDIP 32 pin
LQFP 32 pin
 Powerful instructions QFN 32 pin
Instruction’s length is one word. SDIP 32 pin
Most of instructions are one cycle only. SKDIP 28 pin
All ROM area JMP instruction. SOP 28 pin
All ROM area lookup table function (MOVC). SSOP 28 pin
QFN 28 pin
DIP 20 pin
SOP 20 pin




Similar Part No. - 8F27E64J

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
8F2011C-Z COPAL-8F2011C-Z Datasheet
1Mb / 10P
Toggle Switches
8F2012C-Z COPAL-8F2012C-Z Datasheet
1Mb / 10P
Toggle Switches
8F2014C-Z COPAL-8F2014C-Z Datasheet
1Mb / 10P
Toggle Switches
8F2016C-Z COPAL-8F2016C-Z Datasheet
1Mb / 10P
Toggle Switches
8F2021C-Z COPAL-8F2021C-Z Datasheet
1Mb / 10P
Toggle Switches
More results


Similar Description - 8F27E64J

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APU8951 APLUS-APU8951 Datasheet
544Kb / 15P
8-BIT MICRO CONTROLLER WITH 4/8KB FLASH EMBEDDED
logo
SyncMOS Technologies,In...
SM8958 SYNCMOS-SM8958 Datasheet
445Kb / 19P
8-bit Micro-controller with 32K Flash embedded
SM8951A SYNCMOS-SM8951A Datasheet
393Kb / 17P
8 - Bit Micro-controller with 4/8KB flash embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
logo
List of Unclassifed Man...
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
8051 Embedded Micro Controller with Flash OSD and ISP
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com