Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV9141 Datasheet (PDF) - Texas Instruments

TLV9141 Datasheet PDF - Texas Instruments
Part # TLV9141
Download  TLV9141 Download
File Size   2609.01 Kbytes
Page   48 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier

TLV9141 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV9141 Datasheet PDF - Texas Instruments

Part # TLV9141
Download  TLV9141 Click to download

File Size   2609.01 Kbytes
Page   48 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier

TLV9141 Datasheet (HTML) - Texas Instruments


TLV9141 Product details

1 Features
• Wide supply voltage: 2.7V to 18V
• Low quiescent current: 7μA per amplifier
• Rail-to-rail input and output
• Low offset voltage: ±265μV (typical)
• Low offset voltage drift: ±0.2μV/°C (typical)
• High PSRR: 140dB (typical)
• Wide bandwidth: 125kHz GBW, unity-gain stable
• High output current drive: ±40mA
• Low 1/f flicker noise: 3.4μVp-p (f = 0.1Hz to 10Hz)
• High common-mode rejection: 108dB
• Internal RFI and EMI filtered input pins
• Operating temperature range: –40°C to 125°C

2 Applications
• Smoke & heat detector
• Field transmitter & sensor
– Flow transmitter
– Pressure transmitter
– Temperature transmitter
– Level transmitter
• Blood glucose monitor
• Oxygern concentrator
• IP network camera
• Motion detector

3 Description
The TLV914x family (TLV9141, TLV9142, and
TLV9144) is a family of high voltage (18V) rail-to-rail
input and output (RRIO) operational amplifiers. These
devices offer excellent performance for low-power
applications, because of the family's low quiescent
current of 7μA/channel.
The TLV914x family offers excellent DC precision,
including low offset voltage (±265μV, typical), low
offset drift (±0.2μV/°C, typical), short-circuit current
limit of 40mA, high PSRR of 140dB, and high CMRR
of 108dB for high voltage operation within the main
input pair. The devices are also rated to work at
wide range of supply voltages from 2.7V to 18V.
This makes the TLV914x a flexible, robust, and
high-performance op amp for high-voltage industrial
applications.
These devices also have a gain bandwidth product of
125kHz and low 1/f flicker noise of 3.4μVpeak-to-peak
(0.1Hz to 10Hz). The family was designed to be
able to directly drive capacitive loads up to 350nF,
while maintaining a phase margin of 30 degrees or
higher. The TLV914x op amp family is available in
several industry-standard packages and the devices
are specified from –40°C to 125°C.




Similar Part No. - TLV9141

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9141 TI-TLV9141 Datasheet
2Mb / 46P
TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
DECEMBER 2024
TLV9141 TI1-TLV9141 Datasheet
2Mb / 51P
TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
DECEMBER 2024
TLV9141 TI1-TLV9141 Datasheet
3Mb / 54P
TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
DECEMBER 2024
TLV9141IDBVR TI1-TLV9141IDBVR Datasheet
2Mb / 51P
TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
DECEMBER 2024
TLV9141IDBVR TI1-TLV9141IDBVR Datasheet
3Mb / 54P
TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
DECEMBER 2024
More results


Similar Description - TLV9141

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC6582 NSC-LMC6582 Datasheet
678Kb / 19P
Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
LMC7101 NSC-LMC7101 Datasheet
853Kb / 18P
Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
logo
National Semiconductor ...
LMC7101 NSC-LMC7101_09 Datasheet
845Kb / 24P
Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Texas Instruments
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
Micropower, Rail-to-Rail Input and Output Operational Amplifier
OPA810 TI1-OPA810 Datasheet
644Kb / 21P
OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V01 Datasheet
645Kb / 22P
OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com