Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTL2832U Datasheet (PDF) - Realtek Semiconductor Corp.

RTL2832U Datasheet PDF - Realtek Semiconductor Corp.
Part # RTL2832U
Download  RTL2832U Download
File Size   734.11 Kbytes
Page   53 Pages
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.
Description DVB-T COFDM DEMODULATORUSB 2.0

RTL2832U Datasheet (PDF)

Go To PDF Page Download Datasheet
RTL2832U Datasheet PDF - Realtek Semiconductor Corp.

Part # RTL2832U
Download  RTL2832U Click to download

File Size   734.11 Kbytes
Page   53 Pages
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.
Description DVB-T COFDM DEMODULATORUSB 2.0

RTL2832U Datasheet (HTML) - Realtek Semiconductor Corp.


RTL2832U Product details

General Description
The RTL2832U is a high-performance DVB-T COFDM demodulator that supports a USB 2.0 interface.
The RTL2832U complies with NorDig Unified 1.0.3, D-Book 5.0, and EN300 744 (ETSI Specification).
It supports 2K or 8K mode with 6, 7, and 8MHz bandwidth. Modulation parameters, e.g., code rate, and
guard interval, are automatically detected.
The RTL2832U supports tuners at IF (Intermediate Frequency, 36.125MHz), low-IF (4.57MHz), or
Zero-IF output using a 28.8MHz crystal. Embedded with an advanced ADC (Analog-to-Digital
Converter), the RTL2832U features high stability in portable reception.

Features
COFDM complying with Nordig Unified
1.0.3, D-book 5.0, and ETSI 300-744
Supports multiple IF frequencies (4.57MHz
or 36.167MHz) and spectrum inversion
Supports Zero-IF input
Single low-cost crystal for clock generation
(±100ppm)
Automatic transmission mode and guard
interval detection
Impulse noise cancellation circuits
Automatic carrier recovery over a wide
range offset (±800KHz)
Superior performance with pre/post/long
echo profiles
Embedded adjacent and co-channel
interference rejection circuit
Delayed AGC with programmable
Take-Over Point (TOP)
7-bit ADC for RF signals level measurement
Hardware MPEG-2 PID filters
Infra-red port for remote control and
wake-up, protocols supported are
Microsoft RC6 protocol
NEC, Sony, SIRC, RC-5 protocol
Eight general purpose I/O ports
USB 2.0 Interface
Supports USB Full/High speed
Configurable vendor information via
external EEPROM
Passes USB-IF certification
Signal 3.3V external power is required
48-pin QFN (6x6 mm2
) Green Package

3. System Applications
Portable DTV device
USB dongle
MiniCard




Similar Part No. - RTL2832U

ManufacturerPart #DatasheetDescription
logo
Rohm
RTL020P02 ROHM-RTL020P02 Datasheet
88Kb / 5P
DC-DC Converter (-20V, -2.0A)
RTL020P02FRA ROHM-RTL020P02FRA Datasheet
1Mb / 8P
2.5V Drive Pch MOSFET
RTL030P02 ROHM-RTL030P02 Datasheet
77Kb / 5P
DC-DC Converter (-20V, -3.0A)
logo
VBsemi Electronics Co.,...
RTL030P02 VBSEMI-RTL030P02 Datasheet
1Mb / 9P
P-Channel 20 V (D-S) MOSFET
logo
Rohm
RTL035N03 ROHM-RTL035N03 Datasheet
66Kb / 3P
2.5V Drive Nch MOSFET
More results


Similar Description - RTL2832U

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT352 ZARLINK-MT352 Datasheet
478Kb / 24P
COFDM Demodulator
logo
List of Unclassifed Man...
MT8872C ETC1-MT8872C Datasheet
247Kb / 2P
COFDM DEMODULATOR/FEC
logo
Sony Corporation
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
DVB-T Demodulator
logo
List of Unclassifed Man...
PS20230 ETC2-PS20230 Datasheet
1Mb / 26P
COFDM demodulator with USB interface for PC-TV
PS20353 ETC2-PS20353 Datasheet
2Mb / 27P
Nordig Unified DVB-T COFDM Terrestrial Demodulator
PS20355 ETC2-PS20355 Datasheet
2Mb / 25P
Nordig Unified DVB-T COFDM
logo
Silicon Laboratories
SI2165 SILABS-SI2165 Datasheet
80Kb / 2P
Multi-Standard DVB-T and DVB-C Demodulator
SI2180-B60 SILABS-SI2180-B60 Datasheet
247Kb / 2P
ISDB-T and DVB-T/C Demodulator
logo
Skyworks Solutions Inc.
SI2165 SKYWORKS-SI2165 Datasheet
189Kb / 2P
Multi-Standard DVB-T and DVB-C Demodulator
August 11, 2021
SI2180-B60 SKYWORKS-SI2180-B60 Datasheet
151Kb / 2P
ISDB-T and DVB-T/C Demodulator
November 28, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com