Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMT3170EB28F9W-1333 Datasheet (PDF) - Ramaxel Technology Ltd

RMT3170EB28F9W-1333 Datasheet PDF - Ramaxel Technology Ltd
Part # RMT3170EB28F9W-1333
Download  RMT3170EB28F9W-1333 Download
File Size   1142.01 Kbytes
Page   9 Pages
Manufacturer  RAMAXEL [Ramaxel Technology Ltd]
Direct Link  https://www.ramaxel.com/
Logo RAMAXEL - Ramaxel Technology Ltd
Description 204-pin Dual-in-line DDR3 memory module

RMT3170EB28F9W-1333 Datasheet (PDF)

Go To PDF Page Download Datasheet
RMT3170EB28F9W-1333 Datasheet PDF - Ramaxel Technology Ltd

Part # RMT3170EB28F9W-1333
Download  RMT3170EB28F9W-1333 Click to download

File Size   1142.01 Kbytes
Page   9 Pages
Manufacturer  RAMAXEL [Ramaxel Technology Ltd]
Direct Link  https://www.ramaxel.com/
Logo RAMAXEL - Ramaxel Technology Ltd
Description 204-pin Dual-in-line DDR3 memory module

RMT3170EB28F9W-1333 Datasheet (HTML) - Ramaxel Technology Ltd


RMT3170EB28F9W-1333 Product details

DESCRIPTION
The Ramaxel RMT3170EB68F9W-1600 memory module family are low profile Unbuffered SODIMM
modules with 30.00mm height based DDR3 technology. DIMMs are available as No-ECC (x64) modules.
The module family based on 8 (x64) x8 DDR3 DRAM components, and the DIMMs feature serial presence
detect based on a serial EEPROM device.

FEATURE
204-pin Dual-in-line DDR3 memory module.
JEDEC Standard with 1.35V (±0.075 V) power supply
1 Rank Organizations based x8 DDR3 DRAM components
Fast data transfer rates: PC3(L)-12800
Differential data strobe (DQS, DQS#) option
Differential clock inputs (CK,CK#)
Commands entered on each rising CK edge
Eight-bit pre-fetch architecture
DQS edge-aligned with data for READs
DQS center-aligned with data for WRITEs
DLL to align DQ and DQS transitions with CK
Data mask (DM) for masking write data
Programmable burst lengths: 4 or 8
Adjustable data-output drive strength
Concurrent auto pre-charge option is supported
Auto Refresh (CBR) and Self Refresh Mode
ZQ calibration
On-die termination (ODT)
Serial Presence Detect (SPD) with EEPROM
Gold edge contacts
For contact pads, electrolytic gold plating 0.76 micrometer minimum.
Halogen-free




Similar Part No. - RMT3170EB28F9W-1333

ManufacturerPart #DatasheetDescription
logo
RFE international
RMT RFE-RMT Datasheet
4Mb / 4P
Surface Mount Resistors
05-JUL-2023
logo
Ultralife Corporation.
RMT-103 ULTRALIFE-RMT-103 Datasheet
354Kb / 2P
Expansion Shelf
14 March 2016 Rev A
RMT-2 ULTRALIFE-RMT-2 Datasheet
287Kb / 2P
Transceiver Rack Mount Adapter
14 March 2016 Rev A
RMT-2-00-01 ULTRALIFE-RMT-2-00-01 Datasheet
287Kb / 2P
Transceiver Rack Mount Adapter
14 March 2016 Rev A
RMT-8 ULTRALIFE-RMT-8 Datasheet
331Kb / 2P
AC/DC Power Supply
11 March 2016 Rev A
More results


Similar Description - RMT3170EB28F9W-1333

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D16000 INFINEON-HYS64D16000 Datasheet
571Kb / 24P
200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Nov. 2003
HYS64D16301GU INFINEON-HYS64D16301GU Datasheet
1Mb / 51P
184-Pin Unbuffered Dual-In-Line Memory Modules
V1.1, July 2003
HYS64D16301HU-5-C INFINEON-HYS64D16301HU-5-C Datasheet
937Kb / 35P
184-Pin Unbuffered Dual-In-Line Memory Modules
V1.0, July 2003
HYS64D32020GDL INFINEON-HYS64D32020GDL Datasheet
777Kb / 31P
200-Pin Small Outline Dual-In-Line Memory Modules
V1.2, Aug. 2003
HYS64D64020HBDL INFINEON-HYS64D64020HBDL Datasheet
692Kb / 27P
200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.1, May. 2004
HYS64D64300GU INFINEON-HYS64D64300GU Datasheet
1Mb / 40P
184-Pin Unbuffered Dual-In-Line Memory Modules
Rev. 1.0, May. 2004
HYS64D128021 INFINEON-HYS64D128021 Datasheet
587Kb / 23P
200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Dez. 2003
HYS64T32000GDL INFINEON-HYS64T32000GDL Datasheet
1Mb / 48P
200-Pin Small Outline Dual-In-Line Memory Module
Rev. 0.91, June 2004
logo
Qimonda AG
HYS64D32020 QIMONDA-HYS64D32020 Datasheet
1Mb / 34P
200-Pin Small Outline Dual-In-Line Memory Modules
logo
List of Unclassifed Man...
DRAM-DDR3-SODIMM ETC2-DRAM-DDR3-SODIMM Datasheet
104Kb / 2P
DDR3 - 204-Pin SODIMM - Registered ECC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com